Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MICRF620TR Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MICRF620TR
Description  434MHz ISM Band Transceiver Module
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MICRF620TR Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MICRF620TR Datasheet HTML 10Page - Micrel Semiconductor MICRF620TR Datasheet HTML 11Page - Micrel Semiconductor MICRF620TR Datasheet HTML 12Page - Micrel Semiconductor MICRF620TR Datasheet HTML 13Page - Micrel Semiconductor MICRF620TR Datasheet HTML 14Page - Micrel Semiconductor MICRF620TR Datasheet HTML 15Page - Micrel Semiconductor MICRF620TR Datasheet HTML 16Page - Micrel Semiconductor MICRF620TR Datasheet HTML 17Page - Micrel Semiconductor MICRF620TR Datasheet HTML 18Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Micrel, Inc.
MICRF620
December 2005
17
M9999-120205
Application Circuit Illustration
Figure 10. Circuit illustration of MICRF620, LDO and MCU
Figure 10. shows a typical set-up with the MICRF620, a
Low-Drop-Out voltage regulator (LDO)
and a micro-
controller (MCU). When the MICRF620 and the MCU runs
on the same power supply (min 2.0, max. 2.5V), the IO
can be connected directly to the MCU. If the MCU needs a
higher VDD than the max. specified VDD of the MICRF620
(2.5V), voltage dividers need to be added on the IO lines
not to override the max. input voltage.
Figure 11 shows a recommended voltage divider circuit for
a MCU running at 3.0V and the MICRF620 at 2.5V.
3k3
18k
3k3
18k
3k3
18k
15k
MICRF6xx
MCU
CS
SCLK
IO
DATAIXO
DATACLK
LD
RSSI
CS
SCLK
IO
DATAIXO
DATACLK
LD
RSSI
Figure 11. How to connect MICRF620 (2.5V) and MCU (3.0V)
Assembling the MICRF620
Recommended Reflow Temperature Profile
When the MICRF620 module is being automatically
assembled to a PCB, care must be taken not to expose
the module for temperature above the maximum specified.
Figure 12 shows the recommended reflow temperature
profile.
Figure 12. Recommended Reflow Temperature Reflow
Shock/Vibration during Reflow
The module has several components inside which are
assembled in a reflow process. These components may
reflow again when the module is assembled onto a PCB. It
is therefore important that the module is not subjected to
any mechanical shock or vibration during this process.
Handassembling the MICRF620
It is recommended to use solder paste also during hand
assembling of the module. Because of the module ground
pad on the bottom side, the module will be assembled
most efficient if the heat is being subjected to the bottom
side of the PCB. The heat will be transferred trough the
PCB due the ground vias under the module (see Layout
Considerations). In addition, it is recommended to use a
solder tip on the signal and power pads, to make sure the
solder points are properly melted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com