Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4570BRZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADA4570BRZ-R7
Description  Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4570BRZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADA4570BRZ-R7 Datasheet HTML 1Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 2Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
ADA4570
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 14
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Output Short-Circuit Current10 (ISC)
15
mA
Short to GND per output pin,
VDD = 5.0 V, TA = 25°C
16
mA
Short to VDD per output pin,
VDD = 5.0 V, TA = 25°C
POWER SUPPLY
Supply Voltage Range (VDD)
2.7
5.5
V
Supply Current Range (IDD)
2.9
4.5
6.3
mA
No load
Power-Up Time (tPWRUP)
150
μs
The time measured between VDD
reaching 90% of the supply voltage
and angular measurement result being
within 2° of the final angle
TEMPERATURE SENSOR
Error Over Temperature (TERR)
5
°C
Temperature Voltage Range (TRANGE)
0
82
% VDD
TA = −40°C to +150°C
Temperature Coefficient (TCO)
3.173
mV/V/°C
VTEMP Output Voltage Range
18
40
% VDD
TA = 25°C
VTEMP Output Impedance
600
Ω
Buffered output
VTEMP Load Capacitance
22
nF
Optional load capacitance
VTEMP Short-Circuit Current (ISC_VTEMP)
3
mA
Short-circuit to GND, VDD = 5.0 V,
TA = 25°C
LOAD CAPACITOR
External Differential Load Capacitance11 (CL)
22
nF
1 αUNCORR is the total mechanical angular error after the arctan computation. This error includes all sources of error over temperature before calibration. Error components
such as offset, amplitude synchronism, amplitude synchronism drift, thermal offset drift, phase error, hysteresis, orthogonality error, and noise are included.
2 αCAL is the total mechanical angular error after the arctan computation. This error includes all sources of error over temperature after an initial offset (nulling) is performed
at TA = 25°C. Error components such as amplitude synchronism drift, amplifier gain matching, thermal offset drift, phase error, hysteresis, orthogonality error, and noise are
included.
3 Magnetic field rotation frequency = 1000 rpm.
4 αDYNAMIC is the total mechanical angular error after the arctan computation. This error includes all sources of error over temperature after a continuous background
calibration is performed to correct offset and amplitude synchronism errors. Error components such as phase error, hysteresis, orthogonality error, noise, and lifetime drift
are included.
5 Applies to the VSIN+, VSIN−, VCOS+, and VCOS− outputs.
6 Broken bond wire detected.
7 Peak-to-peak amplitude matching. k = 100 × VSIN/VCOS.
8 Magnetic field rotation frequency = 30000 rpm.
9 Rotation frequency dependent phase error after offset correction, amplitude calibration, and arctan calculation.
10 The short-circuit condition specified is present for each output at the following mechanical angles: short to VDD with VSIN+ at α = 135°, VSIN− at α = 45°, VCOS+ at α = 0°,
and VCOS− at α = 90° and short to GND with VSIN+ at α = 45°, VSIN− at α = 135°, VCOS+ at α = 9°, and VCOS− at α = 0°.
11 Solder CL/4 between VSIN+ and VSIN− and between VCOS+ and VCOS−. Solder CL/2 between VSIN+ to GND, VSIN− to GND, VCOS+ to GND, and VCOS− to GND.
Solder close to package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com