Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4570BRZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4570BRZ-R7
Description  Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4570BRZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4570BRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
ADA4570
TERMINOLOGY
analog.com
Rev. 0 | 9 of 14
Output Signals
The output signals, VSIN+, VSIN−, VCOS+, and VCOS−, of the
ADA4570 are biased around a common-mode voltage of VDD/2 as
shown in Figure 14.
Figure 14. Single-Ended Output Voltage Range
The differential signal outputs, VSIN and VCOS, shown in Figure 15
are generated by sampling the corresponding positive and negative
SIN and COS single-ended outputs.
Figure 15. Differential Output Voltage Range
Reference Position Error
The reference position error is the deviation of the sensing element
center from the nominal position shown in Figure 22.
Reference Angle Error
The reference angle error, indicated in Figure 16, is the absolute
mounting angle error of the sensor from its nominal placement. The
angle Φ = 0° is referred to the straight line between the top of Pin 2
and Pin 7.
Figure 16. Sensor Alignment in Package
Uncorrected Angular Error
The uncorrected angular error is defined as the maximum deviation
from an ideal angle without any calibration applied to the VSIN and
VCOS differential signals.
Single Point Calibration Angular Error
The single point calibration angular error is defined as the deviation
from an ideal angle after the offset calibration is applied to the VSIN
and VCOS differential signals at 25°C.
Dynamic Angular Error
The dynamic angular error is defined as the maximum deviation
from an ideal angle with the continuous offset and gain calibration
applied to the VSIN and VCOS differential signals.
Output Amplitude Synchronism
The output amplitude synchronism (k) is defined as the ratio be-
tween the differential amplitudes of both channels when under
a continuously rotating magnetic field. To calculate the amplitude
synchronism, use the following equations:
k = 100% × VAMP(VSIN)/VAMP(VCOS)
Propagation Delay
The propagation delay is the amount of time taken for the signal
to propagate to the VSIN and VCOS differential signal outputs in
response to a magnetic stimulus change.
Phase Error
The phase error is defined as the average of the phase shift in
the sine and cosine signal through the amplifier. The phase error in-
creases with the rotation frequency due to the bandwidth limitation
of the instrumentation amplifiers. As shown in Figure 12, the typical
characteristics value can be used as a first-order compensation for
the phase error.
Orthogonality Error
The orthogonality error is the internal phase error caused by mis-
alignment of the sine and cosine sensor elements on-chip, with
respect to the ideal 90° sine to cosine phase.
Single-Ended Output Voltage Low
The single-ended output voltage low is the maximum voltage level
at the VSIN+, VSIN−, VCOS+, and VCOS− outputs when a broken
bond wire is detected and all outputs are pulled low, see Figure 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com