Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4570BRZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4570BRZ-R7
Description  Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4570BRZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4570BRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 9Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 10Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 11Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 12Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 13Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
ADA4570
THEORY OF OPERATION
analog.com
Rev. 0 | 10 of 14
As shown in the Figure 1, the ADA4570 contains all the necessary
peripherals for AMR angle sensing of a magnetic field in the x-y
plane of the sensor.
The bridge driver provides the voltage supply to the AMR sensor.
The sensitivity of AMR sensor is temperature dependent, and the
bridge driver is designed to provide a supply voltage that compen-
sates for the temperature dependence (see Figure 17).
Figure 17. Temperature Compensated Bridge Driver
The ADA4570 consists of two dies that are connected internally by
bond wires, the AMR sensor and an application specific IC (ASIC)
that incorporates the electronics required to condition the output
signals. A broken bond wire detection system was implemented
in the ASIC that detects if any of the bond wires between the
AMR bridge and ASIC become detached or broken. Note that when
a broken bond wire is detected, the VSIN and VCOS differential
signal outputs are forced low.
Electromagnetic interference (EMI) filters are implemented at the
AMR sensor outputs to prevent unwanted noise and interference
from appearing in the signal band of the input to the instrumentation
amplifier.
The architecture of the instrumentation amplifier consists of pre-
cision, low noise, zero drift amplifiers that feature a proprietary
chopping technique. This chopping technique offers a low input
offset voltage as well as a low input offset voltage drift. The zero
drift design also features chopping ripple suppression circuitry that
removes glitches and other artifacts caused by chopping.
Offset voltage errors caused by common-mode voltage swings
and power supply variations are also corrected by the chopping
technique, resulting in a very high dc common-mode rejection ratio.
The amplifiers feature a low broadband noise of 33 nV/√Hz and
no 1/f noise component. These features are ideal for amplification
of the low level AMR bridge signals for high precision sensing
applications.
The differential amplifier outputs, VSIN and VCOS, are capable
of driving the inputs of an external ADC without requiring any
additional signal conditioning, as shown in Figure 18.
Figure 18. Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com