Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4570BRZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4570BRZ-R7
Description  Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4570BRZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADA4570BRZ-R7 Datasheet HTML 1Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 2Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 3Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 4Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 5Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 6Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 7Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 8Page - Analog Devices ADA4570BRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
ADA4570
Integrated AMR Angle Sensor and Signal Conditioner with Differential Outputs
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Contactless angular measurement
►
High precision 180° angle sensor
►
Typical angular error of ±0.1°
►
Low output noise of 850 μV rms
►
Sine and cosine differential outputs
►
Ratiometric analog voltage outputs
►
Negligible hysteresis
►
SAR or Σ-Δ ADC compatible
►
Temperature compensated AMR bridge
►
Industrial temperature range: −40°C to +125°C
►
Automotive temperature range: −40°C to +150°C
►
EMI resistant
►
Fault diagnostics
►
VDD from 2.7 V to 5.5 V
►
Minimal phase error of 0.85° at 30,000 rpm
►
AEC-Q100 qualified for automotive applications
►
Single chip solution
►
Available in an 8-lead SOIC package
APPLICATIONS
►
Absolute position measurement (linear and angle)
►
Brushless dc motor control and positioning
►
Actuator control and positioning
►
Contactless angular measurement and detection
►
Magnetic angular position sensing
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADA4570 is an anisotropic magnetoresistive (AMR) sensor
with integrated signal conditioning amplifiers and analog-to-digi-
tal converter (ADC) drivers. The ADA4570 produces two differen-
tial analog outputs that indicate the angular position of the sur-
rounding magnetic field.
The ADA4570 consists of two die within one package, an AMR sen-
sor, and a fixed gain instrumentation amplifier. The ADA4570 de-
livers amplified differential cosine and sine output signals, with
respect to the angle, when the magnetic field is rotating in the
x-axis and the y-axis (x-y) plane. The output voltage range is
ratiometric to the supply voltage.
The sensor contains two Wheatstone bridges, at a relative angle
of 45° to one another. A complete rotation of a dipole magnet
produces two periods on the sinusoidal outputs. Therefore, the
magnetic angle (α) calculated from the SIN and COS differential
outputs represents the physical orientation of the magnet with
respect to the ADA4570 in the 0° to 180° measurement range.
Within a homogeneous field in the x-y plane, the output signals of
the ADA4570 are independent of the physical placement in the z
direction (air gap).
The ADA4570 is available in an 8-lead SOIC package.


Similar Part No. - ADA4570BRZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
ADA4571 AD-ADA4571 Datasheet
847Kb / 13P
Customer supplied 6 V to 12 V bench supply
Rev. 0
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
ADA4571-2 AD-ADA4571-2 Datasheet
443Kb / 9P
Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
ADA4571-2WHRZ-RL AD-ADA4571-2WHRZ-RL Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
More results

Similar Description - ADA4570BRZ-R7

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
ZMD31050 ZMD-ZMD31050 Datasheet
431Kb / 20P
Advanced Differential Sensor Signal Conditioner
ZMD31050D ZMD-ZMD31050D Datasheet
328Kb / 20P
Advanced Differential Sensor Signal Conditioner
ZMD31050 ZMD-ZMD31050_09 Datasheet
423Kb / 23P
Advanced Differential Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31050 ETC2-ZSC31050 Datasheet
730Kb / 32P
Advanced Differential Sensor Signal Conditioner
logo
Analog Devices
ADA4571 AD-ADA4571 Datasheet
576Kb / 21P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
ADA4571-2 AD-ADA4571-2 Datasheet
258Kb / 13P
Integrated AMR Angle Sensor and Signal Conditioner
REV. 0
logo
Integrated Device Techn...
ZSC31050 IDT-ZSC31050 Datasheet
859Kb / 29P
Advanced Differential Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31050 RENESAS-ZSC31050 Datasheet
442Kb / 30P
Advanced Differential Sensor Signal Conditioner
logo
Analog Devices
EVAL-ADA4571-2 AD-EVAL-ADA4571-2 Datasheet
443Kb / 9P
Evaluation Board for the ADA4571-2 Integrated AMR Angle Sensor and Signal Conditioner
Rev. 0
ADAF1080 AD-ADAF1080 Datasheet
1Mb / 36P
Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com