Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5092B Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5092B
Description  fully assembled and tested surface-mount printed-circuit board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5092B Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5092B Datasheet HTML 1Page - Maxim Integrated Products MAX5092B Datasheet HTML 2Page - Maxim Integrated Products MAX5092B Datasheet HTML 3Page - Maxim Integrated Products MAX5092B Datasheet HTML 4Page - Maxim Integrated Products MAX5092B Datasheet HTML 5Page - Maxim Integrated Products MAX5092B Datasheet HTML 6Page - Maxim Integrated Products MAX5092B Datasheet HTML 7Page - Maxim Integrated Products MAX5092B Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Quick Start
Recommended Equipment
Before beginning, the following equipment is needed:
•
One variable-DC power supply (further referred to
as PS1) capable of supplying up to 72V at 1A
•
One adjustable load capable of sinking 250mA at 5V
•
Three digital voltmeters (DVMs)
•
One ammeter (for optional low-quiescent input cur-
rent evaluation)
Procedure
The MAX5092 EV kit is fully assembled and tested.
Follow the steps below to verify board operation. See
Figure 1 for test setup.
Warning: The MAX5092 EV kit is designed to operate
with high voltages. Dangerous voltages can be present
on this EV kit and on equipment connected to it. Users
who power up this EV kit, or the power sources connected
to it, must be careful to follow safety procedures appropri-
ate when working with high-voltage electrical equipment.
1) Preset PS1 to +4V. Turn off PS1. Caution: Do not
turn on the power supply until all connections are
complete.
2) Connect the positive terminal of PS1 to the VIN pad
located on the EV kit. Connect the negative terminal
of PS1 to the GND pad located on the EV kit.
3) Connect the positive input of one DVM to the VIN
pad located on the EV kit. Connect the negative
input of that DVM to the GND pad located on the EV
kit. This DVM measures the EV kit input voltage.
4) Connect the positive input of the second DVM to
the BSOUT pad located on the EV kit. Connect the
negative input of that DVM to the GND pad located
on the EV kit. This DVM measures the output volt-
age at the boost converter output.
5) Connect the positive input of the third DVM to the
VOUT pad located on the EV kit. Connect the nega-
tive input of that DVM to the GND pad located on
the EV kit. This DVM measures the output voltage at
the LDO output.
MAX5092 Evaluation Kit
2
_______________________________________________________________________________________
Component Suppliers
Note: Indicate that you are using the MAX5092A, MAX5092B, MAX5093A, or MAX5093B when contacting these component suppliers.
Component List (continued)
DESIGNATION
QTY
DESCRIPTION
R2, R5
2
0
Ω resistors (0603)
R3
1
100k
Ω ±5% resistor (0603)
U1
1
MAX5092BATE+
(16-pin, 5mm x 5mm, Thin QFN)
—2
Shunt
Sullins STC02SYAN
Digi-Key S9000-ND
—
1
PCB: MAX5092 Evaluation Kit+
DESIGNATION
QTY
DESCRIPTION
JU1, JU2
2
3-pin headers
36-pin headers, 0.1 centers
(comes in 36-pin strips, cut to fit)
Sullins PEC36SAAN
Digi-Key S1012E-36-ND
L1
1
4.7µH, 4.8A 18m
Ω inductor
(9.4mm x 12.95mm x 5.21mm)
Coilcraft DO3316P-472ML
R1, R4
0
Not installed (0603)
SUPPLIER
COMPONENTS
PHONE
WEBSITE
Coilcraft, Inc.
Inductors
847-639-6400
www.coilcraft.com
Digi-Key
Headers, jumpers
800-344-4539
www.digikey.com
Murata Mfg. Co., Ltd.
Capacitors
770-436-1300
www.murata.com
Panasonic Corp.
Resistors, capacitors
714-373-7366
www.maco.panasonic.co.jp
Sullins Electronics
Headers, jumpers
760-744-0125
www.sullinselectronics.com
TDK Corp.
Capacitors
888-835-6646
www.component.tdk.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com