Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5092B Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5092B
Description  fully assembled and tested surface-mount printed-circuit board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5092B Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5092B Datasheet HTML 1Page - Maxim Integrated Products MAX5092B Datasheet HTML 2Page - Maxim Integrated Products MAX5092B Datasheet HTML 3Page - Maxim Integrated Products MAX5092B Datasheet HTML 4Page - Maxim Integrated Products MAX5092B Datasheet HTML 5Page - Maxim Integrated Products MAX5092B Datasheet HTML 6Page - Maxim Integrated Products MAX5092B Datasheet HTML 7Page - Maxim Integrated Products MAX5092B Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Detailed Description
The MAX5092 evaluation kit (EV kit) is a fully assem-
bled and tested surface-mount PCB demonstrating
the MAX5092B LDO with internal boost preregulator
IC. The EV kit operates from a 4V to 72V input voltage
and delivers up to 250mA from a preprogrammed 7V
boost preregulator output (BSOUT) and 5V LDO out-
put (VOUT).
VOUT can deliver up to 250mA total output current.
The voltage maintained at BSOUT depends upon the
input voltage and the programmed BSOUT regulation
voltage. When (VBSOUT - VOUT) is less than the boost
disable threshold (2.5V typ), VBSOUT is boosted to its
programmed regulation voltage. As VVIN increases
above the BSOUT regulation voltage, causing
(VBST_OUT - VOUT) to be greater than the boost disable
threshold, VBSOUT follows VVIN, minus a diode drop.
Both the LDO and boost preregulator output voltages
can be programmed using external resistors. The boost
output voltage (VBSOUT) is adjustable up to 11V by
selecting resistors R1 and R2. The LDO output voltage
(VVOUT) is adjustable from 1.5V to 9V by selecting
resistors R4 and R5. See the
Evaluating Other Output
Voltages section for more details. If it is desired to pro-
gram VBSOUT to voltages up to 12V, use the MAX5093_
IC. See the
Configuring for the MAX5093_ section for
more details.
The MAX5092_/MAX5093_ feature an internal voltage
regulator that is used to supply all internal low-voltage
blocks within the IC. An output on the EV kit (VL) is pro-
vided to monitor the internal regulator voltage. VVL reg-
ulates to 5.5V when VBSOUT is above 5.5V. VVL tracks
the voltage at BSOUT when VBSOUT is below 5.5V. VL
is not intended to supply an external load.
The MAX5092 EV kit utilizes two jumpers (JU1 and JU2)
to control the ENABLE and
HOLD functions of the
MAX5092 IC. See Table 1 for jumper descriptions. Shunt
pins 2-3 of jumper JU1 to enable the MAX5092. Shunt
pins 1-2 of jumper JU1 to disable the MAX5092. Shunt
pins 1-2 of jumper JU2 to enable
HOLD mode. Shunt
pins 2-3 of jumper JU2 to disable
HOLD mode. Enabling
HOLD prevents the IC from shutting down if EN is
brought low. The ENABLE function is also controlled by
an external voltage source by connecting the external
source to the ENABLE pad on the EV kit. When control-
ling ENABLE from an external source, ensure the shunt
on jumper JU1 is removed. Refer to the MAX5092A/
MAX5092B/MAX5093A/MAX5093B data sheet for a
more detailed description of the ENABLE and
HOLD
timing functions.
The MAX5092 contains a power-on-reset output
(
RESET) that indicates when the LDO output voltage
(VVOUT) is out of regulation. If VVOUT falls below 90%
of the programmed regulation threshold, VRESET pulls
low after a short timeout period. Once VVOUT rises
above 92% of the programmed regulation threshold,
VRESET goes high after the user-programmable timeout
period. Capacitor C5 sets the
RESET timeout period.
See the
Adjusting the
RESET Timeout Period section
for more details.
The MAX5092A IC (3.3V LDO output) can be used with
this EV kit. Refer to the MAX5092/MAX5093 IC data
sheet for operation. The MAX5092 EV kit can be config-
ured for the MAX5093_ IC using an external Schottky
diode. Use the MAX5093_ for higher boost voltage
applications up to 12V or to lower package power dissi-
pation. See the
Configuring for the MAX5093_ to modify
the MAX5092 EV kit for use with the MAX5093_.
Customizing the MAX5092 EV Kit
Evaluating Other Output Voltages
Setting the Boost Output Voltage (VBSOUT)
The MAX5092_/MAX5093_ feature Dual Mode™ opera-
tion for regulating the boost-converter output voltage.
These devices operate in either preset output-voltage
mode or adjustable output-voltage mode. In preset
mode, internal trimmed feedback resistors set VBSOUT
to a fixed 7V. The default EV kit is configured for the
BSOUT preset mode by directly connecting BSFB to
SGND (Figure 2). In adjustable output mode, VBSOUT
can be programmed up to 11V for the MAX5092_ (or
up to 12V for the MAX5093_) by selecting resistors R1
and R2. Note that the current drawn by these resistors
adds to the quiescent current and the shutdown current
of the IC. Use the adjustable output mode only if
VBSOUT is required to be significantly different than the
MAX5092 Evaluation Kit
4
_______________________________________________________________________________________
Table 1. JU1 and JU2 Jumper Positions
JUMPER
POSITION
FUNCTION
1-2
Sets ENABLE low (disables IC)
JU1
2-3
Sets ENABLE high (enables IC)
1-2
Sets
HOLD low (enables HOLD)
JU2
2-3
Sets
HOLD high (disables HOLD)
Dual Mode is a trademark of Maxim Integrated Products, Inc.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com