Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5092B Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX5092B
Description  fully assembled and tested surface-mount printed-circuit board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5092B Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX5092B Datasheet HTML 1Page - Maxim Integrated Products MAX5092B Datasheet HTML 2Page - Maxim Integrated Products MAX5092B Datasheet HTML 3Page - Maxim Integrated Products MAX5092B Datasheet HTML 4Page - Maxim Integrated Products MAX5092B Datasheet HTML 5Page - Maxim Integrated Products MAX5092B Datasheet HTML 6Page - Maxim Integrated Products MAX5092B Datasheet HTML 7Page - Maxim Integrated Products MAX5092B Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX5092 evaluation kit (EV kit) is a fully assembled
and tested surface-mount printed-circuit board (PCB)
demonstrating the MAX5092B, a low-dropout (LDO) reg-
ulator with internal boost preregulator. The EV kit oper-
ates from a 4V to 72V input voltage and delivers up to
250mA from a preprogrammed 7V boost preregulator
output (BSOUT) and 5V LDO output (VOUT). Both the
LDO and the boost preregulator output voltages are pro-
grammable using external resistors.
The MAX5092 EV kit features include on-board jumper
settings that allow for evaluation of the ENABLE and
HOLD functions of the MAX5092, a power-on-reset out-
put (
RESET) to indicate LDO out-of-regulation condi-
tions, and a programmable
RESET time period.
The MAX5092 EV kit can be configured to demonstrate
the MAX5092A (3.3V LDO output) or the MAX5093A/
MAX5093B. To evaluate the MAX5092A, replace the IC
with the MAX5092A. To evaluate the MAX5093_, the
addition of an external Schottky diode is required. See
the
Configuring for the MAX5093_ section to modify the
MAX5092 EV kit for the MAX5093_.
The EV kit comes fully assembled and tested, is quali-
fied lead-free, and is rated for an operating temperature
range of 0°C to +70°C.
Warning: The MAX5092 EV kit is designed to operate
with high voltages. Dangerous voltages can be present
on this EV kit and on equipment connected to it. Users
who power up this EV kit, or the power sources con-
nected to it, must be careful to follow safety procedures
appropriate when working with high-voltage electrical
equipment.
Features
♦ Wide 4V to 72V Input-Voltage Range
♦ Preset 5V LDO Output Voltage
♦ Preset 7V Boost Preregulator Output Voltage
♦ Adjustable LDO Output Voltage from 1.5V to 9V
♦ Adjustable Boost Preregulator Output Voltage Up
to 11V
♦ Jumper-Programmable ENABLE and HOLD
Functions
♦ Programmable HOLD Time Period
♦ Surface-Mount Components
♦ Lead-Free Evaluation Kit
♦ Fully Assembled and Tested
MAX5092 Evaluation Kit
________________________________________________________________
Maxim Integrated Products
1
19-1018; Rev 0; 10/07
Component List
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
DESIGNATION
QTY
DESCRIPTION
C1
1
47µF, 80V, 0.7
Ω SMT Al electrolytic
capacitor (G)
Panasonic EEEFK1K470P
C2, C3
2
1µF ±10%, 100V X7R ceramic
capacitors (1210)
Murata GRM32CR72A105K or
equivalent
C4
1
22µF, 80V, 1.3
Ω SMT Al electrolytic
capacitor (F)
Panasonic EEEFK1K220P
C5
1
0.22µF ±10%, 16V X7R ceramic
capacitor (0603)
TDK C1608X7R1C224K or equivalent
DESIGNATION
QTY
DESCRIPTION
C6
1
1µF ±10%, 16V X7R ceramic
capacitor (0603)
TDK 1608X7R1C105K or equivalent
C7
1
10µF ±10%, 25V X5R ceramic
capacitor (1206)
Murata GRM31CR61E106K or
equivalent
C8
0
Not installed, ceramic capacitor (0603)
D1
0
Not installed (SMB)
Recommended diode: 2A, 100V
Schottky diode
Diodes Inc. B2100 or equivalent
Ordering Information
+
Denotes lead-free and RoHS-compliant.
Note: To evaluate the MAX5092A, request a MAX5092AATE+
free sample with the MAX5092EVKIT+. To evaluate the
MAX5093_, request a MAX5093AATE+/MAX5093BATE+ free
sample with the MAX5092EVKIT+.
PART
TYPE
MAX5092EVKIT+
EV Kit


Similar Part No. - MAX5092B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5092BATE+ MAXIM-MAX5092BATE+ Datasheet
1Mb / 23P
4V to 72V Input LDOs with Boost Preregulator
Rev 0; 10/06
MAX5092BATE+ MAXIM-MAX5092BATE+ Datasheet
479Kb / 24P
4V to 72V Input LDOs with Boost Preregulator
Rev 1; 1/08
More results

Similar Description - MAX5092B

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1702EVKIT MAXIM-MAX1702EVKIT Datasheet
166Kb / 5P
fully assembled and tested surface-mount circuit board
Rev. 0; 7/02
MAX1685EVKIT MAXIM-MAX1685EVKIT Datasheet
80Kb / 4P
fully assembled and tested surface-mount circuit board
Rev 0; 4/99
MAX774EVKIT MAXIM-MAX774EVKIT Datasheet
793Kb / 3P
fully assembled and tested surface-mount printed circuit board Evaluation Kit
Rev 0; 1/94
MAX5090EVKIT MAXIM-MAX5090EVKIT Datasheet
116Kb / 4P
fully assembled and tested surface-mount circuit board
Rev 0; 2/06
MAX5035EVKIT MAXIM-MAX5035EVKIT Datasheet
424Kb / 4P
fully assembled and tested surface-mount printed circuit board
Rev 1; 1/07
MAX5026EVKIT MAXIM-MAX5026EVKIT Datasheet
146Kb / 4P
fully assembled and tested surface-mount circuit board
Rev 1; 9/03
MAX5015EVKIT MAXIM-MAX5015EVKIT Datasheet
196Kb / 7P
fully assembled and tested printed circuit board
Rev 3; 2/07
MAX1724EVKIT MAXIM-MAX1724EVKIT Datasheet
168Kb / 4P
fully assembled and tested surface-mount circuit board
Rev 1; 5/05
MAX1200EVKIT MAXIM-MAX1200EVKIT Datasheet
168Kb / 12P
Fully Assembled and Tested Surface-Mount Board
Rev 1; 11/98
MAX4233EVKIT MAXIM-MAX4233EVKIT Datasheet
137Kb / 5P
Fully Assembled and Tested Surface-Mount Board
Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com