Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5092B Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX5092B
Description  fully assembled and tested surface-mount printed-circuit board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5092B Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX5092B Datasheet HTML 1Page - Maxim Integrated Products MAX5092B Datasheet HTML 2Page - Maxim Integrated Products MAX5092B Datasheet HTML 3Page - Maxim Integrated Products MAX5092B Datasheet HTML 4Page - Maxim Integrated Products MAX5092B Datasheet HTML 5Page - Maxim Integrated Products MAX5092B Datasheet HTML 6Page - Maxim Integrated Products MAX5092B Datasheet HTML 7Page - Maxim Integrated Products MAX5092B Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
6) Connect dummy load between the VOUT and GND
pads located on the EV kit. Adjust the load to 250mA.
7) Verify that a shunt is installed on pins 2-3 of jumper
JU1 to enable the MAX5092B.
8) Verify that a shunt is installed pins 2-3 of jumper
JU2 to disable the
HOLD function of the
MAX5092B.
9) Turn on PS1 and sweep the input voltage from 4V to
7V to 3.5V as indicated on the input DVM. Verify
that the BSOUT DVM indicates approximately 7V
over the input-voltage range. Verify that the VOUT
DVM indicates approximately 5V over the input-volt-
age range. Note that the MAX5092 still properly
regulates the outputs with VIN as low as 3.5V after
the IC is started.
10) Reduce the dummy load to 10mA.
11) Increase PS1 to 7V.
12) Warning: Dangerous voltages are present on the
EV kit during this step. Sweep the PS1 voltage
from 7V to 72V. Verify that the BSOUT DVM voltage
follows the input DVM voltage, minus a diode drop,
over the input-voltage range. Verify that the VOUT
DVM indicates approximately 5V over the input-volt-
age range.
13) Optional procedure to observe the MAX5092 low-
quiescent input current (IQ):
a) Set the PS1 voltage to 14V. The boost converter
is not switching.
b) Turn off PS1. Caution: Do not turn on the power
supply until all connections are complete.
c) Remove the load from VOUT.
d) Remove all the DVMs to eliminate the DVM con-
tribution to IQ.
e) Remove the wire between PS1 and the VIN pad
on the EV kit.
f ) Connect the positive terminal of PS1 to the posi-
tive terminal of the ammeter. Connect the nega-
tive terminal of this ammeter to the VIN pad
located on the EV kit. This ammeter measures IQ.
g) Turn on PS1. Observe that the ammeter indicates
an IQ less than 85µA.
MAX5092 Evaluation Kit
_______________________________________________________________________________________
3
MAX5092 EV KIT
VIN
BSOUT
GND
GND
GND
ADJUSTABLE
LOAD
VOUT
DC
POWER SUPPLY
(PS1)
DVM3
DVM1
A
*FOR OPTIONAL IQ TEST,
REPLACE THE WIRE
BETWEEN PS1 AND VIN
WITH AN AMMETER.
DVM2
Figure 1. MAX5092 EV Kit Test Connections



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com