Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC600 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # ABC600
Description  600 W standard, 420 W convection cooled
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  ABC600_V01 Datasheet HTML 1Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 2Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 3Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 4Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 5Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 6Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 7Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 8Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ABC600 Series
tech.support@psbel.com
ABC600-1012G
12 V
35.0 A
50.0 A
0 A
1%
± 2%
ABC600-1015G
15 V
28.0 A
40.0 A
0 A
1%
± 2%
ABC600-1024G
24 V
17.5 A
25.0 A
0 A
1%
± 2%
ABC600-1028G
28 V
15.0 A
21.4 A
0 A
1%
± 2%
ABC600-1048G
48 V
8.8 A
12.5 A
0 A
1%
± 2%
Vfan (all models)
12 V
1.0 A
1.0 A
0 A
1%
± 20%
Vsb (all models)
5 V
1.0 A
1.0 A
0 A
2%
± 2%
NOTES:
1.
Peak current rating on V1 (main output) is 120% of max, lasting 3 seconds with max of 10% duty cycle.
2.
Combined output power of V1 plus fan supply and standby supply should not exceed max power rating.
3.
+/-20% tolerance of Vfan includes the factors of set point accuracy, line and load regulation.
4.
Air flow over long edge (either direction) required for air flow rating. See mechanical drawing, Figure 7 on page 11.
5.
More than 800K hours MTBF is to be calculated according to Bellcore TR-332 standard current edition at 25 ºC.
The ABC600 SERIES AC-DC/DC-DC power supply can operate using AC or DC input. It is a highly efficient front-end power supply.
The PFC stage adopts an analog controller in continuous conduction mode to achieve high power factor and high efficiency. The
DC/DC stage is fully DSP controlled and employs soft switching resonant techniques in conjunction with synchronous rectification
for high efficiency and better thermal control. With a wide input operational voltage range and minimal linear derating of output power
with temperature, the ABC600 SERIES maximizes power availability in demanding server, network, and other high availability
applications. The supply is convection cooled or fan cooled and ideally suited for integration with a matching airflow path. An active
OR-ing MOSFET on the output ensures no reverse current and renders the supply ideally suited for operation in redundant power
systems. The always-on standby output Vsb (5 Volts) provides power to external power distribution and management controllers. It is
protected with an active OR-ing diode for maximum reliability. In addition, the Power Management Bus allows full monitoring of the
supply, including input and output voltage, current, power, and internal temperatures. Current share signal (V1_Ishare) is used for current
sharing, and the difference between two units is within 2.5 A if system load is more than 25% of full load. The current share signal
(V1_Ishare) voltage shall be a linear function Vcs = 8 x Iout/Imax for a single power supply. Example: for ABC600-1012G, VCS is 8 V at 50
A
loading;
Imax is 50 A of ABC600-1012G.
Figure 1. ABC600 SERIES Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com