Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC600 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # ABC600
Description  600 W standard, 420 W convection cooled
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  ABC600_V01 Datasheet HTML 1Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 2Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 3Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 4Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 5Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 6Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 7Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 8Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ABC600 Series
5
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
BCD.00336_AJ
F
Input Fuses (L+N)
Not user accessible, slow-acting (F)
10
A
Vin ov
Input Over Voltage Limit
285VAC/395VDC
/
295VAC/405VDC
V
Recovery
280VAC/390VDC
/
290VAC/400VDC
V
Vin uv
Input Under Voltage
Limit
75VAC/105VDC
/
85VAC/115VDC
V
Recovery
80VAC/110VDC
/
90VAC/120VDC
V
V1 ov
OV Threshold V1
V1 will be latched until reset by AC input or
INHIBIT signal.
110
132
%V1 norm
Vsb ov
OV Threshold Vsb
Vsb will be latched until reset by AC input
or INHIBIT signal.
110
120
%Vsb norm
I1 lim
Current Limit V1
Over current limit meets below
curve, Figure 3
Isb lim
Current Limit Vsb
Standby output will be entered into CC
mode if output current is above 1.2 A
1.2
2
A
Ifan lim
Current Limit Vfan
Tamb = 25°C
2.7
A
TSD
Over Temperature on
Heat Sinks
No damage, Automatic shut-down and recovers.
The Output is protected against an overload or a Short Circuit for indefinite duration. The unit shall meet this requirement when in
general operating conditions. Over current limit should meet below curve within +/-1.5 A tolerance, and the unit is allowed to
hiccup under over current conditions.
Figure 3. Over Current Mode
Bel Power Solutions provides with its “Bel Power Solutions I2C Utility” a Windows® XP/Vista/Win7 compatible graphical user
interface allowing the programming and monitoring of the ABC600 Series Front-End. The utility can be downloaded on
www.belpowersolutions.com and supports both the PSMI and Power Management Bus protocols.
The GUI allows automatic discovery of the units connected to the communication bus and will show them in the navigation tree. In
the monitoring view the power supply can be controlled and monitored.
Reference Documents:
▪
BCA.00029_AA_ABC600 Series Power Management Bus Communication Manual.pdf
▪
Power Management Bus Specification Part I Revision 1.1
▪
Power Management Bus Specification Part II Revision 1.1
▪
System Management Bus (SMBus) Specification Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com