Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC600 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # ABC600
Description  600 W standard, 420 W convection cooled
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button ABC600_V01 Datasheet HTML 3Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 4Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 5Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 6Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 7Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 8Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 9Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 10Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 11Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
ABC600 Series
7
Asia-Pacific
+86 755 298 85888
Europe, Middle East
+353 61 225 977
North America
+1 408 785 5200
© 2019 Bel Power Solutions & Protection
BCD.00336_AJ
Unless defined otherwise, all control signals shall be TTL compatible with respect to the output return and shall be isolated from
the primary circuit and be SELV rated. All input signals shall be driven from an open collector with the pull-up resistor located in the
power supply and shall be capable of sourcing up to 4 mA. Unless otherwise specified, signal levels for parameters listed in the
table below are general LVTTL signals.
A0, A1
Power Management Bus selected address Pin.
SDA, SCL
SDA is serial data signal and SCL is serial clock signal (I2C).
SMB_ALERT_L
Output alert signal. It shall be an open collector with the pull-up resistor located at the receiving end. This signal
will be asserted due to fault or warning events. High = Normal, Low = Alert, Refer to Figure 5.
V1_Ishare
Current share signal. The PSU can operate at redundant mode by connecting V1_Ishare signal of each power
supply together.
V1_VS_SENSE,
V1_VS_SENSE_RTN
Remote Sense signal for V1, V1_VS_SENSE is positive sense, V1_VS_SENSE_RTN is negative sense.
Vsb, SGND
Vsb is standby output, and SGND is secondary ground.
+VP
Source voltage located at receiving end. Provide a voltage for power good signal. Refer to Figure 6.
PW_OK_H
Output power good signal. It is isolated from the output. Goes high/low when output is within regulation. Refer to
Figure 6 (two methods for Power Good connection).
INHIBIT_L, INHIBIT_L_RTN
Power up signal. It is isolated from the output. Apply a DC voltage between INHIBIT_ L and INHIBIT_L_RTN can
power up the unit. Refer to Figure 6.
Vfan, SGND
Vfan is fan output to provide energy for user, and SGND is secondary ground.
Figure 5. SMB_ALERT_L Connections
Figure 6. Isolated Signal Output Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com