Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABC600 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # ABC600
Description  600 W standard, 420 W convection cooled
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

ABC600 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  ABC600_V01 Datasheet HTML 1Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 2Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 3Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 4Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 5Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 6Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 7Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 8Page - Bel Fuse Inc. ABC600_V01 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
The ABC600 Series of open frame power supplies feature a wide
universal AC input range of 90 – 277 VAC, offering 600 W of output
power in a compact footprint.
The high efficiency and high power density of the ABC family ensures
minimal power loss in end-use equipment, thereby facilitating higher
reliability, easier thermal management and meets regulatory approvals
for environmentally-friendly end products.
ABC Series power supplies are ideal for telecom, datacom, industrial
equipment and other applications.
•
600 W standard, 420 W convection cooled
•
Size: 5.0” x 8.0” x 1.6” (127.0 x 203.2 x 40.6 mm)
•
High efficiency up to 94.0%
•
Universal input voltage range: 90-277 VAC
•
Active power factor correction
•
Less than 5 W dissipation at standby mode
•
Parallel operation with active current sharing
•
Digital control for circuit loop and power management
•
Fully protected (OTP, OCP, OVP, SCP)
•
Power Management Bus for control, programming and monitoring
•
Both AC input and DC input are available
•
Designed to meet Class B per CISPR 22 and EN 55022
•
Approved to the latest edition of the following standards:
UL/CSA60950-1, EN60950-1, and IEC60950-1
•
CE marked LVD
•
Instrumentation
•
Lighting
•
Industrial Applications
•
Applied Computing
•
Datacom
•
Renewable Energy
•
Test and Measurement
•
Robotics
•
Wireless Communication
•
Process Control


Similar Part No. - ABC600_V01

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
ABC600-1012G BEL-ABC600-1012G Datasheet
1Mb / 11P
The high efficiency and high power density of the ABC family ensures
ABC600-1012G BEL-ABC600-1012G Datasheet
1Mb / 11P
Active power factor correction
ABC600-1015G BEL-ABC600-1015G Datasheet
1Mb / 11P
Active power factor correction
ABC600-1024G BEL-ABC600-1024G Datasheet
1Mb / 11P
Active power factor correction
ABC600-1028G BEL-ABC600-1028G Datasheet
1Mb / 11P
Active power factor correction
More results

Similar Description - ABC600_V01

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ECP225 XPPOWER-ECP225 Datasheet
410Kb / 2P
150/225 W Convection/ Forcedcooled
VFT150PS05 XPPOWER-VFT150PS05 Datasheet
219Kb / 2P
100 W Convection Rating, 150 W Forcedcooled Rating
logo
Power-One
ABC150 POWER-ONE-ABC150 Datasheet
542Kb / 4P
110 W convection cooled, No minimum load required
ABC300 POWER-ONE-ABC300 Datasheet
552Kb / 5P
200 W convection cooled, Inhibit and Power Good signals
logo
XP Power Limited
CCB250 XPPOWER-CCB250 Datasheet
2Mb / 12P
250 W Convection Cooled
CCM250 XPPOWER-CCM250 Datasheet
1Mb / 12P
250 W Convection Cooled
CMH250 XPPOWER-CMH250 Datasheet
1Mb / 8P
250 W Convection-cooled
JPS XPPOWER-JPS Datasheet
167Kb / 2P
100 W Convection-cooled
ECS100 XPPOWER-ECS100 Datasheet
1Mb / 10P
80/100 W Convection & Force-cooled Ratings
logo
Bel Fuse Inc.
MBC600 BEL-MBC600 Datasheet
713Kb / 11P
600 W standard, 420 W convection cooled
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com