Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0809 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR0809
Description  FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0809 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR0809 Datasheet HTML 1Page - ATMEL Corporation ATR0809 Datasheet HTML 2Page - ATMEL Corporation ATR0809 Datasheet HTML 3Page - ATMEL Corporation ATR0809 Datasheet HTML 4Page - ATMEL Corporation ATR0809 Datasheet HTML 5Page - ATMEL Corporation ATR0809 Datasheet HTML 6Page - ATMEL Corporation ATR0809 Datasheet HTML 7Page - ATMEL Corporation ATR0809 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 4792BS–DVD–05/04
Features
• Current-controlled Output Current Source with 4 Input Channels
• Two Selectable Outputs for Grounded Laser Diodes
• Up to 350 mA Output Current per Channel
• Total Output Current up to 500 mA
• On-chip RF Oscillator
• Oscillator Frequency Range from 200 MHz to 500 MHz
• Individual Setting of RF Oscillator Current on Each Output by External Resistors
• Maximum Oscillator Current Amplitude 100 mA
• Single 5 V Power Supply
• Common Enable/Disable Input
• TTL/CMOS Compatible Control Signals
• Small Pb-free QFN20 or SSO20 Package
Applications
• DVD-ROM with CD-RW Capability
• DVD+RW with CD-RW Capability
• DVD-RW with CD-RW Capability
• Magneto-optical Drives and Others
Description
ATR0809 is a laser diode driver for the operation of two different grounded laser
diodes for DVD-RW/+RW (650 nm) and CD-RW (780 nm). It includes four channels for
four different optical power levels. All channels (channel 1 = read channel, channel 2,
3, 4 = write channels) can be controlled by fast switches. The current pulses are
enabled when a low signal is applied to the NE pins. All channels are summed
together and switched to one of the two outputs IOUTA or IOUTB by the select input
SELA. Each write channel (channel 2, 3 and 4) can contribute up to 350 mA to the
total output current of up to 500 mA. The read channel can contribute up to 150 mA.
Total gains of 100 (read channel), 250 (channel 2 and 3) and 100 (channel 4) are pro-
vided between each reference current input and the selected output. Although the
reference inputs are current inputs, voltage control is also possible by using external
resistors.
An on-chip RF oscillator can be used to reduce laser mode hopping noise in
read mode. The oscillator current amplitude and frequency can be set independently
for the two selectable outputs with four different resistors. Oscillation is enabled by a
high signal at the ENOSC pin. Complete shutdown of the output currents is achieved
by a low signal at the ENABLE input.
Four Channel
Laser Driver
with RF
Oscillator and
Two Outputs
ATR0809
Summary


Similar Part No. - ATR0809

ManufacturerPart #DatasheetDescription
logo
ABCO ELECTRONICS CO.LTD
ATR0805 ABCO-ATR0805 Datasheet
538Kb / 3P
THICK FILM CHIP RESISTORS
logo
ATMEL Corporation
ATR0807 ATMEL-ATR0807 Datasheet
230Kb / 8P
THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0807-PEQ ATMEL-ATR0807-PEQ Datasheet
230Kb / 8P
THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0807-TCQ ATMEL-ATR0807-TCQ Datasheet
230Kb / 8P
THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0808 ATMEL-ATR0808 Datasheet
240Kb / 8P
Three Channel Laser Driver with RF Oscillator and Two Outputs
More results

Similar Description - ATR0809

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0820 ATMEL-T0820 Datasheet
187Kb / 11P
4 CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0806 ATMEL-T0806 Datasheet
241Kb / 7P
3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0816 ATMEL-T0816 Datasheet
352Kb / 14P
3 - CHANNEL LASER DRIVER WITH RF OSCILLATOR
T0800 ATMEL-T0800 Datasheet
290Kb / 14P
5-CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
ATR0807 ATMEL-ATR0807 Datasheet
230Kb / 8P
THREE CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
ATR0808 ATMEL-ATR0808 Datasheet
240Kb / 8P
Three Channel Laser Driver with RF Oscillator and Two Outputs
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
3-channel Laser Driver with RF Oscillator and 2 Outputs
T0816 ATMEL-T0816_05 Datasheet
378Kb / 15P
3-channel Laser Driver with RF Oscillator
T0820 ATMEL-T0820_05 Datasheet
278Kb / 12P
4-channel Laser Driver with RF Oscillator
logo
Supertex, Inc
MD1822K6-G SUTEX-MD1822K6-G Datasheet
656Kb / 7P
High Speed Four Channel MOSFET Driver with Two Inverting and Two Non-Inverting Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com