Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0809 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR0809
Description  FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0809 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR0809 Datasheet HTML 1Page - ATMEL Corporation ATR0809 Datasheet HTML 2Page - ATMEL Corporation ATR0809 Datasheet HTML 3Page - ATMEL Corporation ATR0809 Datasheet HTML 4Page - ATMEL Corporation ATR0809 Datasheet HTML 5Page - ATMEL Corporation ATR0809 Datasheet HTML 6Page - ATMEL Corporation ATR0809 Datasheet HTML 7Page - ATMEL Corporation ATR0809 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
ATR0809
4792BS–DVD–05/04
Pin Configuration SSO20
Figure 2. Pinning SSO20
IR
I2
I3
I4
RFA
RFB
NER
NE2
NE3
NE4
VCC
ENABLE
IOUTA
GND
RSA
RSB
IOUTB
SELA
VCC
ENOSC
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Pin Description
Pin
Symbol
Type
Function
1
IR
Analog
Input current, bias voltage approximately GND
2
I2
Analog
Input current, bias voltage approximately GND
3
I3
Analog
Input current, bias voltage approximately GND
4
I4
Analog
Input current, bias voltage approximately GND
5
RFA
Analog
External resistor to GND sets frequency of oscillator A
6
RFB
Analog
External resistor to GND sets frequency of oscillator B
7
NER
Digital
Digital control of channel 1 (read, active low)
8
NE2
Digital
Digital control of channel 2 (active low)
9
NE3
Digital
Digital control of channel 3 (active low)
10
NE4
Digital
Digital control of channel 4 (active low)
11
ENOSC
Digital
Enables RF oscillator (active high)
12
VCC
Supply
5 V power supply
13
SELA
Digital
High: selects IOUTA, RSA, RFA
Low: selects IOUTB, RSB, RFB
14
IOUTB
Analog
Output current source B for laser diode
15
RSB
Analog
External resistor to GND sets swing of oscillator B
16
RSA
Analog
External resistor to GND sets swing of oscillator A
17
GND
Supply
Ground
18
IOUTA
Analog
Output current source A for laser diode
19
ENABLE
Digital
Enables output current (active high)
20
VCC
Supply
5 V power supply



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com