Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0809 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATR0809
Description  FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0809 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATR0809 Datasheet HTML 1Page - ATMEL Corporation ATR0809 Datasheet HTML 2Page - ATMEL Corporation ATR0809 Datasheet HTML 3Page - ATMEL Corporation ATR0809 Datasheet HTML 4Page - ATMEL Corporation ATR0809 Datasheet HTML 5Page - ATMEL Corporation ATR0809 Datasheet HTML 6Page - ATMEL Corporation ATR0809 Datasheet HTML 7Page - ATMEL Corporation ATR0809 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ATR0809
4792BS–DVD–05/04
Pin Configuration QFN20
Figure 3. Pinning QFN20
I4
RFA
RFB
NER
NE2
20 19 18 17 16
6 7 8 9 10
1
2
3
4
5
15
14
13
12
11
IOUTA
GND
RSA
RSB
IOUTB
Pin Description
Pin
Symbol
Type
Function
1
I4
Analog
Input current, bias voltage approximately GND
2
RFA
Analog
External resistor to GND sets frequency of oscillator A
3
RFB
Analog
External resistor to GND sets frequency of oscillator B
4
NER
Digital
Digital control of channel 1 (read, active low)
5
NE2
Digital
Digital control of channel 2 (active low)
6
NE3
Digital
Digital control of channel 3 (active low)
7
NE4
Digital
Digital control of channel 4 (active low)
8
ENOSC
Digital
Enables RF oscillator (active high)
9
VCC
Supply
5 V power supply
10
SELA
Digital
High: selects IOUTA, RSA, RFA
Low: selects IOUTB, RSB, RFB
11
IOUTB
Analog
Output current source B for laser diode
12
RSB
Analog
External resistor to GND sets swing of oscillator B
13
RSA
Analog
External resistor to GND sets swing of oscillator A
14
GND
Supply
Ground
15
IOUTA
Analog
Output current source A for laser diode
16
ENABLE
Digital
Enables output current (active high)
17
VCC
Supply
5 V power supply
18
IR
Analog
Input current, bias voltage approximately GND
19
I2
Analog
Input current, bias voltage approximately GND
20
I3
Analog
Input current, bias voltage approximately GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com