Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0809 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATR0809
Description  FOUR CHANNEL LASER DRIVER WITH RF OSCILLATOR AND TWO OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0809 Datasheet(HTML) 5 Page - ATMEL Corporation

  ATR0809 Datasheet HTML 1Page - ATMEL Corporation ATR0809 Datasheet HTML 2Page - ATMEL Corporation ATR0809 Datasheet HTML 3Page - ATMEL Corporation ATR0809 Datasheet HTML 4Page - ATMEL Corporation ATR0809 Datasheet HTML 5Page - ATMEL Corporation ATR0809 Datasheet HTML 6Page - ATMEL Corporation ATR0809 Datasheet HTML 7Page - ATMEL Corporation ATR0809 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
ATR0809
4792BS–DVD–05/04
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Supply voltage
V
CC
-0.5 to +6.0
V
Input voltage at any input
V
in
-0.5 to V
CC +0.5
V
Power dissipation
P
max
0.7
(1) to 1(2)
W
Output voltage
V
out
-0.5 to V
CC -1
V
Junction temperature
T
j
150
°C
Storage temperature
T
stg
-65 to +125
°C
Notes:
1. R
thJA ≤115 K/W at Tamb = 70°C
2. R
thJA ≤115 K/W at Tamb = 25°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction case
R
thJC
27
K/W
Junction ambient
R
thJA
125
(1)
K/W
Note:
1. Measured with multi-layer test board (JEDEC standard)
Recommended Operating Conditions
Parameters
Symbol
Value
Unit
Supply voltage
V
CC
4.5 to 5.5
V
Input current
I
IR, II2, II3, II4
< 2.5
mA
External resistor to GND to set oscillator
frequency
RFA, RFB
> 3
k
Ω
External resistor to GND to set oscillator swing
RSA, RSB
> 1
k
Ω
Operating temperature range
T
amb
0 to +70
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com