Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB800 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB800
Description  CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB800 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCDB800 Datasheet HTML 4Page - Texas Instruments CDCDB800 Datasheet HTML 5Page - Texas Instruments CDCDB800 Datasheet HTML 6Page - Texas Instruments CDCDB800 Datasheet HTML 7Page - Texas Instruments CDCDB800 Datasheet HTML 8Page - Texas Instruments CDCDB800 Datasheet HTML 9Page - Texas Instruments CDCDB800 Datasheet HTML 10Page - Texas Instruments CDCDB800 Datasheet HTML 11Page - Texas Instruments CDCDB800 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
VDD, VDD_R = 3.3 V ± 5 %, −40 °C ≤ TA ≤ 105 °C. Typical values are at VDD = VDD_R = 3.3 V, 25 °C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tEDGE
Differential edge rate
Measured (+-150 mV) around VCROSS (7)
2
4
V/ns
DtEDGE
Edge rate matching
Measured (+-75 mV) VCROSS (7)
20
%
tSTABLE
Power good assertion to stable clock
output
CKPWRGD_PD# pin
transistions from 0 to 1, fIN =
100 MHz
Measured
when
positive
output
reaches
0.2V
1.8
ms
tDRIVE_PD#
Power good assertion to outputs
driven high
CKPWRGD_PD# pin
transistions from 0 to 1, fIN =
100 MHz
Measured
when
positive
output
reaches
0.2V
300
µs
tOE
Output enable assertion to stable
clock output
OEx# pin transistions from 1 to 0
10
CLKIN
Periods
tOD
Output enable de-assertion to no
clock output
OEx# pin transistions from 0 to 1
10
tPD
Power down assertion to no clock
output
CKPWRGD_PD# pin transistions from 1 to
0
3
tDCD
Duty cycle distortion
Differential; fIN = 100MHz, fIN_DC = 50%
–1
1
%
tDLY
Propagation delay
(5)
0.5
3
ns
tSKEW
Skew between outputs
(6)
50
ps
tDELAY(IN-
OUT)
Input to output delay variation
Input-to-output delay variation at 100 MHz
across voltage and temperature
–250
250
ps
JCKx_DB2000
Q
(7)
Additive jitter for DB2000Q
DB2000Q filter, for input of 200 mV
differential swing @ 1.5 V/ns
0.038 ps, RMS
JCKx_PCIE
(7)
Additive jitter for PCIe6.0
PLL BW: 0.5 - 1 MHz; CDR =
10 MHz
Input clock
slew rate =
2 V/ns
0.02
ps, RMS
Additive jitter for PCIe5.0
PCIe5.0 filter
0.025
Additive jitter for PCIe4.0
PLL BW = 2 - 5 MHz; CDR =
10 MHz
Input clock
slew rate ≥
1.8 V/ns
0.06
Additive jitter for PCIe3.0
Input clock
slew rate ≥
0.6 V/ns
0.1
JCKx
Additive jitter
fIN = 100 MHz; slew rate ≥ 3 V/ns; 12 kHz to
20 MHz integration bandwidth.
100
160 fs, RMS
NF
Noise floor
fIN = 100 MHz; fOffset ≥ 10 MHz
Input clock
slew rate ≥
3 V/ns
–160
-155 dBc/Hz
SMBUS INTERFACE, OEx#, CKPWRGD_PD#
VIH
High level input voltage
2.0
V
VIL
Low level input voltage
0.8
IIH
Input leakage current
With internal pull-up/pull-down
GND ≤ VIN
≤ VDD
–30
30
µA
IIL
Input leakage current
With internal pull-up/pull-down
GND ≤ VIN
≤ VDD
–30
30
µA
IIH
Input leakage current
Without internal pull-up/pull-
down
GND ≤ VIN
≤ VDD
−5
5
µA
IIL
Input leakage current
Without internal pull-up/pull-
down
GND ≤ VIN
≤ VDD
−5
5
µA
CDCDB800
SNAS818 – JULY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: CDCDB800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com