Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB800 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB800
Description  CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB800 Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCDB800 Datasheet HTML 15Page - Texas Instruments CDCDB800 Datasheet HTML 16Page - Texas Instruments CDCDB800 Datasheet HTML 17Page - Texas Instruments CDCDB800 Datasheet HTML 18Page - Texas Instruments CDCDB800 Datasheet HTML 19Page - Texas Instruments CDCDB800 Datasheet HTML 20Page - Texas Instruments CDCDB800 Datasheet HTML 21Page - Texas Instruments CDCDB800 Datasheet HTML 22Page - Texas Instruments CDCDB800 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
8.6.1.8 BTRDCNT Register (Address = 7h) [reset = X]
BTRDCNT is shown in Table 8-12.
Return to the Summary Table.
The BTRDCNT register contains bits [4:0] which configure the number of bytes which will be read back.
Table 8-12. BTRDCNT Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
Reserved
R
0h
Reserved
4-0
BYTE_COUNTER
R/W
8h
Writing to this register configures how many bytes will be read back.
8.6.1.9 OUTSET Register (Address = 8h) [reset = X]
OUTSET is shown in Table 8-13.
Return to the Summary Table.
Bit5 of the OUTSET register sets the termination for all the outputs while bit4 can be used to set the power-down
state for all outputs. The remaining bits for this register are reserved.
Table 8-13. OUTSET Register Field Descriptions
Bit
Field
Type
Reset
Description
7-6
Reserved
R
0h
Reserved
5
CH_ZOUT_SEL
R/W
0h
Select between 85 Ω (0) and 100 Ω (1) Output impedance
4
d_DRIVE_OP_STATE_CTRL
R/W
0h
Power-down state of all output clocks.
0: LOW/LOW
1: TRI_STATE
3-0
Reserved
R
0h
Reserved
8.6.1.10 CAPTRIM Register (Address = 76h) [reset = X]
CAPTRIM is shown in Table 8-15.
Return to the Summary Table.
Bits [7:4] of the CAPTRIM register is used to control the slew rate for output channel cluster 2. Bits [3:0] control
the slew rate for output channel cluster 1. Refer below for cluster identification.
Table 8-14. Cluster Identification
Cluster
Outputs
1
CK3, CK2, CK1, CK0
2
CK7, CK6, CK5, CK4
Table 8-15. Register Field Descriptions
Bit
Field
Type
Reset
Description
7-4
CLUSTER2_CAP_TRIM
R/W
Ch
Slew Rate Reduction Cap Trim for Cluster 2. Default value of Ch.
0: minimum
F: maximum
3-0
CLUSTER1_CAP_TRIM
R/W
Ch
Slew Rate Reduction Cap Trim for Cluster 1. Default value of Ch.
0: minimum
F: maximum
www.ti.com
CDCDB800
SNAS818 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: CDCDB800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com