Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB800 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB800
Description  CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB800 Datasheet(HTML) 21 Page - Texas Instruments

Back Button CDCDB800 Datasheet HTML 17Page - Texas Instruments CDCDB800 Datasheet HTML 18Page - Texas Instruments CDCDB800 Datasheet HTML 19Page - Texas Instruments CDCDB800 Datasheet HTML 20Page - Texas Instruments CDCDB800 Datasheet HTML 21Page - Texas Instruments CDCDB800 Datasheet HTML 22Page - Texas Instruments CDCDB800 Datasheet HTML 23Page - Texas Instruments CDCDB800 Datasheet HTML 24Page - Texas Instruments CDCDB800 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
9.2.2 Detailed Design Procedure
The following items must be determined before starting design of a CDCDB800 socket:
• Output Enable Control Method
9.2.2.1 Output Enable Control Method
The device provides an option to either use SMBus programmed registers (software) to control the outputs or by
using the hardware OE# pins. In case of using software to control the outputs, the hardware OE# pins can be left
floating as each of these pins have a pull-down to ground. Please refer Table 8-1 and Register Maps for more
information on programming the register.
When the user wants to control the outputs with the hardware OE# pins, they can do so for example by
connecting these pins to a GPIO controller and follow the Table 5-1 to set the outputs to HIGH/LOW. The bits
OUT_EN_CLK7 to OUT_EN_CLK0 used to control the outputs are shown in registers OECR1 (OECR1 Register
Field Descriptions) and OECR2 (OECR2 Register Field Descriptions). These register bits are set to 1 by default
to ensure that the outputs are "software enabled" and their state is therefore set by hardware OE# pins.
9.2.3 Application Curves
Figure 6-1 in the Typical Characteristics section can be used as both an application curve and a typical
characteristics plot in this example.
The Output Slew Rate vs. CAPTRIM Code and Slew Rate Variation Across Temperature for Different CAPTRIM
Code show characterization data for the Output slew rate for various CAPTRIM codes and across temperature.
Customers can use these plots as reference for choosing the appropriate output slew rate based on their system
requirement.
.
Figure 9-2. Output Slew Rate vs. CAPTRIM Code
Temperature (qC)
120
100
80
60
40
20
0
-20
-40
-60
0
1
2
3
4
5
6
7
D002
0 - 3.3 V
1 - 3.3 V
2 - 3.3 V
3 - 3.3 V
4 - 3.3 V
5 - 3.3 V
6 - 3.3 V
7 - 3.3 V
8 - 3.3 V
9 - 3.3 V
10 - 3.3 V
11 - 3.3 V
12 - 3.3 V
13 - 3.3 V
.
Figure 9-3. Slew Rate Variation Across
Temperature for Different CAPTRIM Code
www.ti.com
CDCDB800
SNAS818 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CDCDB800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com