Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDCDB800 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCDB800
Description  CDCDB800 DB800ZL-Compliant 8-Output Clock Buffer for PCIe Gen 1 to Gen 5
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCDB800 Datasheet(HTML) 3 Page - Texas Instruments

  CDCDB800 Datasheet HTML 1Page - Texas Instruments CDCDB800 Datasheet HTML 2Page - Texas Instruments CDCDB800 Datasheet HTML 3Page - Texas Instruments CDCDB800 Datasheet HTML 4Page - Texas Instruments CDCDB800 Datasheet HTML 5Page - Texas Instruments CDCDB800 Datasheet HTML 6Page - Texas Instruments CDCDB800 Datasheet HTML 7Page - Texas Instruments CDCDB800 Datasheet HTML 8Page - Texas Instruments CDCDB800 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
5 Pin Configuration and Functions
CDCDB800
TOP VIEW
48-pin VQFN Package
DAP = GND
NC
CK6_N
CK6_P
VDD
CK5_N
CK5_P
OE5#
OE4#
CK4_N
CK4_P
VDD
CK3_N
CK3_P
CKPWRGD_PD#
GNDR
VDDR
CLKIN_P
CLKIN_N
SMBCLK
NC
SMBDAT
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14 15
16
17 18
19
20 21
22
23
24
36
35
34
33
32
31
30
29
28
27
26
25
48
47 46 45
44 43
42
41 40
39
38
37
VDD
OE0#
Figure 5-1. CDCDB800 RSL Package 48-Pin VQFN Top View
Table 5-1. Pin Functions
PIN
I/O TYPE(2)
DESCRIPTION
NAME
NO.
INPUT CLOCK
CLKIN_P
4
I
LP-HCSL differential clock input. Typically connected directly to the differential
output of clock source.
CLKIN_N
5
I
OUTPUT CLOCKS
CK0_P
13
O
LP-HCSL differential clock output of channel 0. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK0_N
14
O
CK1_P
16
O
LP-HCSL differential clock output of channel 1. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK1_N
17
O
CK2_P
21
O
LP-HCSL differential clock output of channel 2. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK2_N
22
O
CK3_P
25
O
LP-HCSL differential clock output of channel 3. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK3_N
26
O
CK4_P
28
O
LP-HCSL differential clock output of channel 4. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK4_N
29
O
CK5_P
32
O
LP-HCSL differential clock output of channel 5. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK5_N
33
O
CK6_P
35
O
LP-HCSL differential clock output of channel 6. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK6_N
36
O
CK7_P
39
O
LP-HCSL differential clock output of channel 7. Typically connected directly to PCIe
differential clock input. If unused, the pins can be left no connect.
CK7_N
40
O
www.ti.com
CDCDB800
SNAS818 – JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CDCDB800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com