Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15158Z Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX15158Z
Description  One 60V DC power supply (PS1)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15158Z Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX15158Z Datasheet HTML 1Page - Maxim Integrated Products MAX15158Z Datasheet HTML 2Page - Maxim Integrated Products MAX15158Z Datasheet HTML 3Page - Maxim Integrated Products MAX15158Z Datasheet HTML 4Page - Maxim Integrated Products MAX15158Z Datasheet HTML 5Page - Maxim Integrated Products MAX15158Z Datasheet HTML 6Page - Maxim Integrated Products MAX15158Z Datasheet HTML 7Page - Maxim Integrated Products MAX15158Z Datasheet HTML 8Page - Maxim Integrated Products MAX15158Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Evaluates: MAX15158Z
MAX15158Z Evaluation Kit
General Description
The MAX15158Z evaluation kit (EV kit) provides a proven
design to evaluate the MAX15158Z, a high-voltage multi-
phase boost controller designed to support up to two
MOSFET drivers and four external MOSFETs in single-
phase or dual-phase inverting-buck-boost configuration.
The EV kit operates from a -8V to -60V input voltage
range and supports output voltage range of 3.3V to 60V.
The EV kit uses the MAX15158Z on a proven six-layer
PCB design. Two pieces of MAX15013 are used as the
MOSFET driver for the EV kit. The EV kit also features an
onboard buck converter MAX17552 to provide 10V supply
voltage to MAX15158Z and the MOSFET driver.
Features
● -8V to -60V Input Voltage Range for Inverting Buck-
Boost Configuration
● 3.3V to 60V Output Voltage Range on Top of Input
Voltage
● -40°C to 125°C Temperature Range
● Banana Jacks for Input and Output Voltage
● Configurable Output Voltage and Compensation
Parameters
● Adjustable Current Limit
● Fully Assembled and Tested
319-100369; Rev 1; 6/19
Ordering Information appears at end of data sheet.
Quick Start
Required Equipment
● MAX15158Z EV kit assembly
● One 60V DC power supply (PS1)
● Voltmeters
Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation.
Caution: Do not turn on the power supply until all
connections are completed.
1) Verify that a shunt is installed across jumpers J3 and J4.
2) Verify that a shunt is installed between pins 2 and 3
on jumper J6.
3) Turn on power-supply PS1 and set the supply to 48V,
then disable the power supply.
4) Connect the positive terminal of power-supply PS1
to the VIN+ banana jack on the EV kit. Connect the
negative terminal of the power supply to the VIN-
banana jack.
5) Enable the power supply.
6) Verify that the voltage between the VOUT_P and
VOUT_N test points is 35V.
7) The EV kit is now ready for additional evaluation.
Click
here for production status of specific part numbers.


Similar Part No. - MAX15158Z

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158ZATJ MAXIM-MAX15158ZATJ Datasheet
996Kb / 26P
High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158ZATJT MAXIM-MAX15158ZATJT Datasheet
996Kb / 26P
High-Voltage Multiphase Boost Controller
Rev 0; 6/19
MAX15158ZEVKIT# MAXIM-MAX15158ZEVKIT# Datasheet
1Mb / 15P
Configurable Output Voltage and Compensation Parameters
Rev 2; 12/19
More results

Similar Description - MAX15158Z

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TPS_DNX301 CANDD-TPS_DNX301 Datasheet
130Kb / 4P
DC/DC Power Supply
logo
Maxim Integrated Produc...
MAXM15062 MAXIM-MAXM15062 Datasheet
925Kb / 10P
One 4.5V to 60V, 300mA power supply
Rev 0; 3/19
MAXM15464 MAXIM-MAXM15464 Datasheet
1Mb / 9P
One 4.5V to 42V DC, 300mA power supply
Rev 0; 1/19
MAX15157BEVKIT MAXIM-MAX15157BEVKIT Datasheet
1Mb / 16P
8V to 60V, 10A DC power supply V1 (for VIN)
Rev 2; 11/19
MAX15062C12EVKIT MAXIM-MAX15062C12EVKIT Datasheet
1Mb / 8P
60V adjustable, 0.5A DC power supply
Rev 1; 7/20
MAX15062AEVKIT MAXIM-MAX15062AEVKIT Datasheet
863Kb / 8P
60V adjustable, 0.5A DC power supply
Rev 1; 4/19
MAX17606SFBEVKIT MAXIM-MAX17606SFBEVKIT Datasheet
2Mb / 12P
One 18V??6V DC, 2A power supply
Rev 0; 11/15
MAX17596EVKIT MAXIM-MAX17596EVKIT Datasheet
1Mb / 11P
One 18V–36V DC, 2A power supply Evaluation Kit
Rev 0; 7/15
MAX17690EVKITB MAXIM-MAX17690EVKITB Datasheet
736Kb / 7P
One 18V–36V DC, 1A power supply
Rev 2; 1/17
MAX17506EVKITBE MAXIM-MAX17506EVKITBE Datasheet
937Kb / 12P
6.5V to 60V, 10A DC input power supply
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com