Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15158Z Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15158Z
Description  One 60V DC power supply (PS1)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15158Z Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15158Z Datasheet HTML 1Page - Maxim Integrated Products MAX15158Z Datasheet HTML 2Page - Maxim Integrated Products MAX15158Z Datasheet HTML 3Page - Maxim Integrated Products MAX15158Z Datasheet HTML 4Page - Maxim Integrated Products MAX15158Z Datasheet HTML 5Page - Maxim Integrated Products MAX15158Z Datasheet HTML 6Page - Maxim Integrated Products MAX15158Z Datasheet HTML 7Page - Maxim Integrated Products MAX15158Z Datasheet HTML 8Page - Maxim Integrated Products MAX15158Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Maxim Integrated │ 3
www.maximintegrated.com
Evaluates: MAX15158Z
MAX15158Z Evaluation Kit
MAX15158Z EV Kit Bill of Materials
ITEM
REF_DES
DNI/DNP
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
1
3P3, 3P3_GND, AGND,
CLOCK, PGND, VDRV
—
6
9020 BUSS
WEICO WIRE
MAXIMPAD
EVK KIT PARTS; MAXIM PAD; WIRE; NATURAL;
SOLID; WEICO WIRE; SOFT DRAWN BUS TYPE-S; 20AWG
2
BODE+, BODE-, COMP, EN, FB, PGOOD,
REFIN, SS, V4V6, VIN_N, VIN_P,
VOUT_N, VOUT_P
—
13
5011
KEYSTONE
N/A
TEST POINT; PIN DIA = 0.125IN; TOTAL LENGTH = 0.445IN;
BOARD HOLE = 0.063IN; BLACK;
PHOSPHOR BRONZE WIRE SILVER PLATE FINISH;
3
C1, C44
—
2
EEV-FK2A680Q
PANASONIC
68UF
CAPACITOR; SMT (CASE_H13); ALUMINUM-ELECTROLYTIC;
68UF; 100V; TOL = 20%; MODEL = EEV SERIES
4
C2, C39, C45
—
3
GRM188R71E105KA12;
CGA3E1X7R1E105K;
TMK107B7105KA;
06033C105KAT2A;
GCM188R71E105KA64
MURATA;TDK;TAIYO YUDEN;
AVX;MURATA
1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 1UF; 25V;
TOL = 10%; TG = -55°C TO +125°C; TC = X7R
5
C3, C6, C8-C12, C14, C18-C21, C23, C25,
C28, C30, C31, C34, C37, C38, C41, C42,
C46, C49, C51-C55, C59, C69, C72, C74,
C76-C78, C83-C85, C93-C95
—
42
CGA6M3X7S2A475K200AE;
CGA6M3X7S2A475K200AB
TDK;TDK
4.7UF
CAPACITOR; SMT (1210); CERAMIC CHIP; 4.7UF;
100V; TOL = 10%; TG = -55°C TO +125°C; TC = X7S; AUTO
6
C4, C13, C24, C47, C58, C73
—
6
CC0603KRX7R0BB104;
GRM188R72A104KA35;
GCJ188R72A104KA01
YAGEO;MURATA;
MURATA
0.1UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 0.1UF; 100V;
TOL = 10%; TG = -55°C TO +125°C; TC = X7R
7
C5, C7
—
2
C0603C101J2GAC
KEMET
100PF
CAPACITOR; SMT (0603); CERAMIC CHIP; 100PF; 200V;
TOL = 5%; TG = -55°C TO +125°C; TC = C0G
8
C16, C17, C26, C27, C48, C50
—
6
GRM1555C1E102JA01D;
C1005C0G1E102J050BA
MURATA;TDK
1000PF
CAPACITOR; SMT (0402); CERAMIC CHIP; 1000PF; 25V;
TOL = 5%; TG = -55°C TO +125°C; TC = C0G
9
C22
—
1
GRM32ER71J106KA12
MURATA
10UF
CAPACITOR; SMT (1210); CERAMIC CHIP; 10UF; 63V;
TOL = 10%; TG = -55°C TO +125°C; TC = X7R
10
C29
—
1
C1005X5R1E474K050
TDK
0.47UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.47UF; 25V;
TOL = 10%; TG = -55°C TO +85°C; TC = X5R ;
11
C32
—
1
C0402C103K5RAC;
GRM155R71H103KA88;
C1005X7R1H103K050BE
KEMET;MURATA;TDK
0.01UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.01UF; 50V;
TOL = 10%; TG = -55°C TO +125°C; TC = X7R
12
C33
—
1
C1005X7R1E473K;
GRM155R71E473K
TDK;MURATA
0.047UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.047UF; 25V;
TOL = 10%; TG = -55°C TO +125°C
13
C35
—
1
GRM155R71H683KE14
MURATA
0.068UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.068UF; 50V;
TOL = 10%; TG = -55°C TO +125°C; TC = X7R
14
C36
—
1
C0402C101K5GAC;
C1005C0G1H101K050BA
KEMET;TDK
100PF
CAPACITOR; SMT; 0402; CERAMIC; 100pF; 50V; 10%;
C0G; -55°C to + 125°C; 0 ±30PPM/°C
15
C40
—
1
GRM188C71E225KE11
MURATA
2.2UF
CAPACITOR; SMT (0603); CERAMIC CHIP; 2.2UF; 25V;
TOL = 10%; TG = -55°C TO +125°C; TC = X7S
16
C43, C89
—
2
AFK227M63H32T;
EEV-FK1J221Q
CORNELL DUBILIER;
PANASONIC
220UF
CAPACITOR; SMT (CASE_H13); ALUMINUM-ELECTROLYTIC;
220UF; 63V; TOL = 20%; TG = -55°C TO +105°C
17
C56
—
1
EEE-FK2A220P
PANASONIC
22UF
CAPACITOR; SMT (CASE_F); ALUMINUM-ELECTROLYTIC;
22UF; 100V; TOL = 20%; MODEL = EEV SERIES;
TG = -55°C TO +105°C
18
C57
—
1
GRM31CR72A105KA01L;
C3216X7R2A105K160
MURATA;TDK
1UF
CAPACITOR; SMT; 1206; CERAMIC; 1uF;
100V; 10%; X7R; -55°C to + 125°C
19
C61, C64
—
2
GRM219R6YA475KA73
MURATA
4.7UF
CAPACITOR; SMT (0805); CERAMIC CHIP; 4.7UF; 35V;
TOL = 10%; TG = -55°C TO +85°C; TC = X5R
20
C90
—
1
C1210C475K1R2C;
GRM32ER72A475KE14
KEMET;MURATA
4.7UF
CAPACITOR; SMT (1210); CERAMIC CHIP; 4.7UF; 100V;
TOL = 10%; MODEL =; TG = -55°C TO +125°C; TC = X7R
21
D1-D4
—
4
BAV16WS-7-F
DIODES INCORPORATED
BAV16WS
DIODE; SWT; SMT (SOD-323); PIV = 75V; IF = 0.3A
22
D5
—
1
SMAJ64A
LITTELFUSE
64V
DIODE; TVS; SMA (DO-214AC); PIV = 64V; IF = 3.9A
23
J1, J8, J10
—
3
LS2-110-01-S-D-RA1
SAMTEC
LS2-110-01-S-D-RA1
CONNECTOR; THROUGH HOLE; SELF MATING HERMAPHRODITIC
STRIP SHROUD DOWN; RIGHT ANGLE; 20PINS
24
J2, J9, J11
—
3
LS2-110-01-S-D-RA2
SAMTEC
LS2-110-01-S-D-RA2
CONNECTOR; THROUGH HOLE; SELF MATING HERMAPHRODITIC
STRIP SHROUD UP; RIGHT ANGLE; 20PINS
25
J3-J5, J7, J12
—
5
PEC02SAAN
SULLINS
PEC02SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT; 2PINS
26
J6
—
1
PBC03SAAN
SULLINS
PBC03SAAN
CONNECTOR; MALE; THROUGH HOLE; BREAKAWAY; STRAIGHT;
3PINS; -65°C TO +125°C
27
L1, L2
—
2
SER2915H-103KL
COILCRAFT
10UH
INDUCTOR; SMT; FERRITE; 10UH; 10%; 30A
28
L3
—
1
LPS5030-154MR
COILCRAFT
150UH
INDUCTOR; SMT; SHIELDED; 150UH; TOL = ±20%; 0.57A
29
MH1-MH4
—
4
91772A108;
PHILLIPS-PAN_4-40X3/8IN;
PMSSS4400038PH; 9901
GENERIC PART
N/A
MACHINE SCREW; PHILLIPS; PAN; 4-40; 3/8IN;
18-8 STAINLESS STEEL
30
MH1-MH4
—
4
MCH_SO_F_HEX_4-40X1/2
GENERIC PART
N/A
STANDOFF; FEMALE-THREADED; HEX; 4-40; 1/2IN; ALUMINUM
31
Q1, Q2, Q5, Q6
—
4
BSC110N15NS5
INFINEON
BSC110N15NS5
TRAN; NCH; PG-TDSON8; PD-(125W); I-(76A); V-(150V)
32
R1, R2, R28, R29
—
4
CRCW0402221RFK
VISHAY DALE
221
RESISTOR; 0402; 221Ω; 1%; 100PPM; 0.0625W; THICK FILM
33
R3, R4, R33, R34
—
4
CRCW04020000Z0EDHP;
RCS04020000Z0
VISHAY DRALORIC;
VISHAY DALE
0
RESISTOR; 0402; 0Ω; 0%; JUMPER; 0.2W; THICK FILM
34
R6, R7, R36, R37
—
4
CRCW040210R0FK;
9C04021A10R0FL
VISHAY DALE;YAGEO
10
RESISTOR; 0402; 10Ω; 1%; 100PPM; 0.0625W; THICK FILM
35
R8
—
1
CRCW0402100KFK;
RC0402FR-07100KL
VISHAY DALE;
YAGEO PHICOMP
100K
RESISTOR; 0402; 100K; 1%; 100PPM; 0.0625W; THICK FILM
36
R9, R23, R57-R59, R61-R63, R65
—
9
ERJ-2GE0R00X
PANASONIC
0
RESISTOR; 0402; 0Ω; 0%; JUMPER; 0.10W; THICK FILM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com