Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15158Z Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX15158Z
Description  One 60V DC power supply (PS1)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15158Z Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX15158Z Datasheet HTML 1Page - Maxim Integrated Products MAX15158Z Datasheet HTML 2Page - Maxim Integrated Products MAX15158Z Datasheet HTML 3Page - Maxim Integrated Products MAX15158Z Datasheet HTML 4Page - Maxim Integrated Products MAX15158Z Datasheet HTML 5Page - Maxim Integrated Products MAX15158Z Datasheet HTML 6Page - Maxim Integrated Products MAX15158Z Datasheet HTML 7Page - Maxim Integrated Products MAX15158Z Datasheet HTML 8Page - Maxim Integrated Products MAX15158Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Maxim Integrated │ 2
www.maximintegrated.com
Evaluates: MAX15158Z
MAX15158Z Evaluation Kit
Detailed Description of Hardware
The MAX15158Z EV kit provides a proven design to
evaluate the MAX15158Z, fully integrated, highly efficient,
two-phase switching regulator. The EV kit can be easily
connected between power input and the load using the
banana jacks and connectors provided for the input and
output. Test points and connectors are provided to moni-
tor and control the device signals. The EV kit operates
between input voltage -8V to -60V. The EV kit regulates
the output voltage between 3.3V to 60V. The output
voltage is set to 35V by default on the EV kit. The output
voltage can be changed by changing resistor divider
between VOUT+ pin and OUTP pin. Make sure that the
correct compensation is selected for stable operation.
EN/UVLO Input for the MAX15158Z
The device’s enable input (EN/UVLO) is controlled by
resistor divider ratio between R19 and R20. The divider
ratio is chosen so that the VIN UVLO threshold is set
at 21V by default. If EN/UVLO pin voltage is above
1V, MAX15158Z will power up. EN/UVLO pin can be
connected to VIN- to disable the regulation. Additionally, a
test point (EN) is also provided to drive the EN/UVLO pin.
While changing the UVLO threshold, make sure that the
UVLO threshold of MAX15158Z is higher than the UVLO
threshold of the onboard DRV supply MAX17552 (U4).
DRV Supply Selection
MAX15158Z and MAX15013 requires a secondary 8V–12V
power supply (DRV) for the LDO and gate drive. The
supply for DRV pin can be selected from onboard supply
by installing shuts across jumpers J3 and J4. Alternatively,
an external power supply can be used by applying and
8V–12V between test points VDRV and PGND.
Bode Plot
10Ω resistor is installed between VOUT_P sense point
and OUTP pin to measure bode plot. BODE+ and BODE-
test points are provided on the board on either side of 10Ω
resistor for small-signal injection and ability to measure
bode plot.
Output Regulation
VOUT_P and VOUT_N test points are provided to
measure the VOUT regulation.
Efficiency Measurement
VIN_P and VIN_N are provided to measure VIN during
efficiency measurement. Also, VOUT_P and VOUT_N are
provided to measure VOUT during efficiency measurement.
FREQ/CLK Pin
Switching frequency is selected by connecting R16 resis-
tor between FREQ/CLK pin and VIN-. The switching
frequency can also be selected by providing a 480kHz to
4MHz external clock at this pin. A test point (CLOCK) is
also provided to drive this pin.
REFIN Pin
By default, REFIN pin is connected to BIAS supply
through R9 (0Ω resistor). R9 can be removed and REFIN
can be connected to external supply (between 1V to 2.2V)
to change the VOUT reference and therefore change
output regulation voltage. The external supply should be
applied between test point REFIN and AGND.
Connecting Multiple EV Kits Together
The EV kit provides jumpers J1, J2, J8, J9, J10, and J11
to connect two EV kits together for four-phase operation.
Based on the MAX15158Z data sheet, the EV kits can be
configured for master and slave operation.
# Denotes RoHS Compliant
*Default position
Table 1. J3 and J4 Jumper Selection
PART
TYPE
MAX15158ZEVKIT#
EV kit
JUMPER CONNECTIONS
VLDOIN VOLTAGE
J3 installed and J4 installed*
Onboard Power supply
J3 not installed and J4 not
installed
External Power Supply
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com