Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX15158Z Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15158Z
Description  One 60V DC power supply (PS1)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15158Z Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15158Z Datasheet HTML 1Page - Maxim Integrated Products MAX15158Z Datasheet HTML 2Page - Maxim Integrated Products MAX15158Z Datasheet HTML 3Page - Maxim Integrated Products MAX15158Z Datasheet HTML 4Page - Maxim Integrated Products MAX15158Z Datasheet HTML 5Page - Maxim Integrated Products MAX15158Z Datasheet HTML 6Page - Maxim Integrated Products MAX15158Z Datasheet HTML 7Page - Maxim Integrated Products MAX15158Z Datasheet HTML 8Page - Maxim Integrated Products MAX15158Z Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX15158Z
MAX15158Z Evaluation Kit
MAX15158Z EV Kit Bill of Materials (continued)
ITEM
REF_DES
DNI/DNP
QTY
MFG PART #
MANUFACTURER
VALUE
DESCRIPTION
37
R14, R39
—
2
WSL20103L000F
VISHAY DALE
0.003
38
R15
—
1
CRCW0603267KFK
VISHAY DALE
267K
39
R16
—
1
CRCW040241K2FK
VISHAY DALE
41.2K
40
R17
—
1
CRCW040249K9FK;
9C04021A4992FLHF3
VISHAY DALE;
YAGEO
49.9K
RESISTOR; 0402; 49.9K; 1%; 100PPM; 0.0625W; THICK FILM
41
R18
—
1
CRCW04023322FK
VISHAY DALE
33.2K
RESISTOR; 0402; 33.2K; 1%; 100PPM; 0.0625W; THICK FILM
42
R19
—
1
ERJ-2RKF6193
PANASONIC
619K
RES; SMT (0402); 619K; 1%;
±100PPM/DEGC; 0.1W
43
R20
—
1
CRCW04023012FK;
CRCW040230K1FK
VISHAY DALE;
VISHAY DALE
30.1K
RESISTOR; 0402; 30.1K; 1%; 100PPM; 0.0625W; THICK FILM
44
R21
—
1
ERJ-2RKF3922X
PANASONIC
39.2K
45
R22
—
1
CRCW04026K20FK
VISHAY DALE
6.2K
46
R24
—
1
CRCW04022K00FK;
RK73H1ETTP2001F
VISHAY DALE;
KOA SPEER
2K
RESISTOR; 0402; 2K; 1%; 100PPM; 0.0625W; THICK FILM
47
R25
—
1
CRCW0402200RFK
VISHAY DALE
200
48
R26, R60
—
2
CRCW06030000ZS;
MCR03EZPJ000;
ERJ-3GEY0R00
VISHAY DALE;ROHM;
PANASONIC
0
49
R27, R51, R52
—
3
CRCW060310R0FK;
MCR03EZPFX10R0
VISHAY DALE;ROHM
10
50
R30
—
1
CR0402-16W-3013FT;
CRCW0402301KFK
VENKEL LTD.;
VISHAY DALE
301K
51
R31
—
1
CRCW0402110KFK
VISHAY DALE
110K
52
R32
—
1
CRCW0402249KFK
VISHAY DALE
249K
53
R35
—
1
CRCW04023M01FK
VISHAY DALE
3.01M
54
R38
—
1
CRCW040222K1FK
VISHAY DALE
22.1K
55
R40
—
1
CRCW040234K8FK
VISHAY DALE
34.8K
56
R42
—
1
CRCW06031K50FK
VISHAY DALE
1.5K
RESISTOR; 0603; 1.5K; 1%; 100PPM; 0.10W; THICK FILM
57
R43
—
1
CRCW06033K90FK
VISHAY DALE
3.9K
58
R44
—
1
3223W-1-104
BOURNS
100K
RESISTOR; SMT J-LEAD; TRIMMING POTENTIOMETER;
59
R45
—
1
ERJ-3EKF5902
PANASONIC
59K
60
R46
—
1
CRCW0603100KFK;
RC0603FR-07100KL;
RC0603FR-13100KL;
ERJ-3EKF1003;
AC0603FR-07100KL
VISHAY;YAGEO;YAGEO;
PANASONIC;YAGEO
100K
RESISTOR; 0603; 100K; 1%; 100PPM; 0.10W; THICK FILM
61
R47-R50
—
4
CRCW04022R0FK
VISHAY DALE
2
62
R53, R55
—
2
CRCW04023K00FK
VISHAY DALE
3K
63
R54, R56
—
2
CRCW04021K00FK;
RC0402FR-071KL
VISHAY DALE;
YAGEO PHICOMP
1K
RESISTOR; 0402; 1K; 1%; 100PPM; 0.0625W; THICK FILM
64
U1, U3
—
2
MAX15013CASA+
MAXIM
MAX15013CASA+
IC; DRV; 175V/2A; HIGH-SPEED;
HALF-BRIDGE MOSFET DRIVER; NSOIC8-EP
65
U2
—
1
MAX15158ZATJ+
MAXIM
MAX15158ZATJ+
EVKIT -IC; MAX15158ZATJ+; PACKAGE OUTLINE: 21-0140;
PACKAGE LAND PATTERN: 90-0603; PACKAGE CODE: T3255-6
66
U4
—
1
MAX17552AUB+
MAXIM
MAX17552AUB+
IC; CONV; 60V; 100MA; ULTRA-SMALL; HIGH EFFICIENCY;
SYNCHRONOUS STEP-DOWN DC-DC CONVERTER WITH
22UA NO-LOAD SUPPLY CURRENT; UMAX10
67
U5
—
1
MAX17651AZT+
MAXIM
MAX17651AZT+
IC; REG; ULTRA-LOW QUIESCENT CURRENT;
LINEAR REGULATOR; TSOT6
68
VIN+, VIN-, VOUT+, VOUT-
—
4
111-2223-001
EMERSON
NETWORK POWER
111-2223-001
MACHINE SCREW; THUMBSCREW; BANANA;
1/4-32IN; 11/32IN; NICKEL PLATED BRASS
69
PCB
—
1
MAX15158Z
MAXIM
PCB
PCB:MAX15158Z
70
C15
DNP
0
C0402C102K5GAC
KEMET
1000PF
CAPACITOR; SMT (0402); CERAMIC CHIP; 1000PF; 50V;
TOL = 10%; MODEL =; TG = -55°C TO +125°C; TC = C0G
71
C60
DNP
0
GRM155R71C224KA12
MURATA
0.22UF
CAPACITOR; SMT (0402); CERAMIC; 0.22UF; 16V; TOL = 10%;
MODEL = GRM SERIES; TG = -55°C TO +125°C; TC = X7R
72
C62, C63, C67, C68
DNP
0
GRM155R72A221KA01
MURATA
220PF
CAPACITOR; SMT (0402); CERAMIC; 220PF; 100V; TOL = 10%;
MODEL = GRM SERIES; TG = -55°C TO +125°C; TC = X7R
73
C65, C66
DNP
0
C0402C0G500-470JNE;
CC0402JRNPO9BN470;
GRM1555C1H470JA01
VENKEL LTD.;
YAGEO PHYCOMP;MURATA
47PF
CAPACITOR; SMT (0402); CERAMIC CHIP; 47PF; 50V;
TOL = 5%; MODEL =; TG = -55°C TO +125°C; TC = C0G
74
C70, C71
DNP
0
CGA2B3X7R1H104K;
C1005X7R1H104K050BB;
GRM155R71H104KE14;
GCM155R71H104KE02
TDK;TDK;MURATA;MURATA
0.1UF
CAPACITOR; SMT (0402); CERAMIC CHIP; 0.1UF; 50V;
TOL = 10%; TG = -55°C TO +125°C; TC = X7R
75
C75, C79-C82, C86-C88,
C91, C92, C96-C99
DNP
0
CGA6M3X7S2A475K200AE;
CGA6M3X7S2A475K200AB
TDK;TDK
4.7UF
CAPACITOR; SMT (1210); CERAMIC CHIP; 4.7UF; 100V;
TOL = 10%; TG = -55°C TO +125°C; TC = X7S; AUTO
76
Q3, Q4, Q7, Q8
DNP
0
BSC110N15NS5
INFINEON
BSC110N15NS5
TRAN; NCH; PG-TDSON8; PD-(125W); I-(76A); V-(150V)
77
R5
DNP
0
CRCW0603100KFK;
RC0603FR-07100KL;
RC0603FR-13100KL;
ERJ-3EKF1003;
AC0603FR-07100KL
VISHAY;YAGEO;YAGEO;
PANASONIC;YAGEO
100K
RESISTOR; 0603; 100K; 1%; 100PPM; 0.10W; THICK FILM
78
R10-R13, R64
DNP
0
ERJ-2GE0R00X
PANASONIC
0
79
R66, R67
DNP
0
WSL20103L000F
VISHAY DALE
0.003
194
TOTAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com