Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70224 Datasheet(PDF) 21 Page - Microchip Technology

Part # PD70224
Description  IdealBridge??Dual MOSFET-Based Bridge Rectifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70224 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PD70224 Datasheet HTML 17Page - Microchip Technology PD70224 Datasheet HTML 18Page - Microchip Technology PD70224 Datasheet HTML 19Page - Microchip Technology PD70224 Datasheet HTML 20Page - Microchip Technology PD70224 Datasheet HTML 21Page - Microchip Technology PD70224 Datasheet HTML 22Page - Microchip Technology PD70224 Datasheet HTML 23Page - Microchip Technology PD70224 Datasheet HTML 24Page - Microchip Technology PD70224 Datasheet HTML 25Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
7.
Ordering Information
The following table lists the ordering information of the PD70224 device.
Table 7-1. Ordering Information
Part Number
Ambient
Temperature
Type
Package
Packaging Type
Part Marking
PD70224ILQ-TR
–40 °C to 85 °C
RoHS compliant
Pb free
MSL3
QFN (40 lead)
Tape and reel
Microsemi Logo
PD70224
ZZ e41
YYWWNNN
1.
ZZ e4: ZZ= Random character with no meaning, e4 = Second-level interconnect.
2.
YY= Year, WW= Week, NNN= Trace code.
PD70224
Ordering Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003575C-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com