Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70224 Datasheet(PDF) 8 Page - Microchip Technology

Part # PD70224
Description  IdealBridge??Dual MOSFET-Based Bridge Rectifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70224 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PD70224 Datasheet HTML 4Page - Microchip Technology PD70224 Datasheet HTML 5Page - Microchip Technology PD70224 Datasheet HTML 6Page - Microchip Technology PD70224 Datasheet HTML 7Page - Microchip Technology PD70224 Datasheet HTML 8Page - Microchip Technology PD70224 Datasheet HTML 9Page - Microchip Technology PD70224 Datasheet HTML 10Page - Microchip Technology PD70224 Datasheet HTML 11Page - Microchip Technology PD70224 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
...........continued
Symbol
Parameter
Conditions
Min
Typ
Max
Units
RDS
FET drain to source resistance ID = 0.6 A
TJ = 25 °C
0.16
0.26
Ω
ID = 0.6 A;
–40 °C ≤ TJ ≤ 125 °C
0.38
Ω
IR
Leakage current (reverse)
VOUTP – VOUTN = 57 V
80
μA
VBFD
Backfeed voltage
Between input terminals with
100 kΩ resistor across them
and 57 V between OUTP and
OUTN
2.7
V
IMAX_Off
Maximum Forward Current
(per bridge) below VTURN_ON
0.45
A
IMAX_On
Maximum forward current (per
bridge) above VTURN_ON. Per
bridge, while only one bridge
out of the two is active.
1.5
A
IMAX_LOAD Maximum load current (per
device) above V TURN_ON. Per
device while two bridges are
active and each bridge is
supporting half load.
2
A
VD_SUPP
Maximum voltage drop
between INx to SUPP_Sx
pins.
Supp_Sx loaded with 100 kΩ
resistor
2
V
IMAX
_SUPP
Maximum current to consume
from SUPP_Sx pins.
10
mA
VIH
WA_EN – Input high logic
1.35
V
VIL
WA_EN – Input low logic
1.05
V
PD70224
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003575C-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com