Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70224 Datasheet(PDF) 7 Page - Microchip Technology

Part # PD70224
Description  IdealBridge??Dual MOSFET-Based Bridge Rectifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70224 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PD70224 Datasheet HTML 3Page - Microchip Technology PD70224 Datasheet HTML 4Page - Microchip Technology PD70224 Datasheet HTML 5Page - Microchip Technology PD70224 Datasheet HTML 6Page - Microchip Technology PD70224 Datasheet HTML 7Page - Microchip Technology PD70224 Datasheet HTML 8Page - Microchip Technology PD70224 Datasheet HTML 9Page - Microchip Technology PD70224 Datasheet HTML 10Page - Microchip Technology PD70224 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
2.2
Operating Ratings
Performance is generally guaranteed over this range as provided under Electrical Characteristics.
Table 2-2. Operating Ratings
Parameter
Min
Max
Units
IN1A, IN1B to OUTN
57
V
IN2A, IN2B to OUTN
57
V
WA_EN to OUTN
–0.3
5
V
Junction temperature
–40
125
°C
Port Current (IINx)
0
1.5
A
2.3
Electrical Characteristics
Unless otherwise specified under conditions, the Min and Max ratings stated below apply over the entire specified
operating ratings of the device. Typ values stated are either by design or by production testing at 25 °C ambient.
Table 2-3. Typical Electrical Performance
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VINx
Input Voltage for Bridge “x”,
where x is “A” or “B”.
57
V
ΔIQ
Differential Quiescent Current
I(VIN=10.1 V) – I(VIN=2.5 V);
2.5 V < VINx < 10.1 V;
No load between
OUTP and OUTN; No
load on SUPP_Sx pins.
6
10
μA
IQ
Quiescent Current
(single bridge)
10.2 V < VINx < 23 V;
No load between
OUTP & OUTN; No
load on SUPP_Sx pins.
85
μA
Quiescent Current
(both bridge combined)
VINx = 55 V;
No load between
OUTP & OUTN; No
load on SUPP_Sx pins.
900
μA
VTURN_ON Active turn-on voltage of FETs
23.1
27.5
32
V
VHYST
Turn-on voltage hysteresis
0.4
V
TALT
Alternate input voltage polarity
– Delay time required (VIN = 0
V) while alternating input
voltage polarity.
200
ms
VOFFSET
Bridge offset @ Off state
VINx < VTURN_ON, two body
diodes in series IINx = 40 mA
1.8
V
PD70224
Electrical Specifications
© 2020 Microchip Technology Inc.
Datasheet
DS00003575C-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com