Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70224 Datasheet(PDF) 13 Page - Microchip Technology

Part # PD70224
Description  IdealBridge??Dual MOSFET-Based Bridge Rectifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70224 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PD70224 Datasheet HTML 9Page - Microchip Technology PD70224 Datasheet HTML 10Page - Microchip Technology PD70224 Datasheet HTML 11Page - Microchip Technology PD70224 Datasheet HTML 12Page - Microchip Technology PD70224 Datasheet HTML 13Page - Microchip Technology PD70224 Datasheet HTML 14Page - Microchip Technology PD70224 Datasheet HTML 15Page - Microchip Technology PD70224 Datasheet HTML 16Page - Microchip Technology PD70224 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
4.2
Thermal Specifications
The following table lists the thermal specifications of PD70224.
Table 4-2. Thermal Properties
Thermal Resistance Min
Typ
Max
Units
θJA
31
°C/W
θJL
2.5
°C/W
θJC
5
°C/W
Note: The θJX numbers assume no forced airflow. Junction temperature is calculated using TJ = TA + (PD x θJA). In
particular, θJA is a function of the PCB construction. The stated number above is for a four-layer board in accordance
with JESD-51 (JEDEC).
4.3
Recommended PCB Layout
The following figures show the PD70224 recommended PCB layout for 40-pin QFN 6 mm × 8 mm.
The pad for pins 4, 9, 15, 18, 24, 29, 35, and 38 is missing from the layout because it does not exist in package.
Figure 4-2. Top-Layer Copper (mm)
'°rf
5
l[)
c::::::)
�
(J'I
c::::::)
\() C\! c::::::)
l[) (\J
-
0
r----
0
4,37
r-3,501
oo oo o........___,�
0
0
0
0 CJ
CJ
0
0
0
0 CJ
0
0
0
0
ITT 0....--i
l[) """"
CJ 0 l[) (X)
CJ 0-
0
0
0
0 CJ
CJ
0
0
0
0
0 �-+---'---------'
oo
on nn_
--+--------'-
1.
oo_:._r
r-=
--6.40--
PD70224
Package Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003575C-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com