Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 18 Page - Microchip Technology

Part # PD70201
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 18 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 14Page - Microchip Technology PD70201 Datasheet HTML 15Page - Microchip Technology PD70201 Datasheet HTML 16Page - Microchip Technology PD70201 Datasheet HTML 17Page - Microchip Technology PD70201 Datasheet HTML 18Page - Microchip Technology PD70201 Datasheet HTML 19Page - Microchip Technology PD70201 Datasheet HTML 20Page - Microchip Technology PD70201 Datasheet HTML 21Page - Microchip Technology PD70201 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
...........continued
Pin
Number
Designator
Description
14
HYST
This is the output of the UVLO comparator as shown in the Figure 1-2. “hysteresis
resistor” from HYST pin must be connected to VINS pin to create positive feedback
(and hysteresis). Initially, as the input voltage is rising, the VINS pin voltage is below
1.2V and so the output of the UVLO comparator is low, leading the hysteresis
resistor to fall in parallel to the lower resistor of the UVLO divider placed at the VINS
pin, assisting it to pull down the VINS pin voltage further. As soon as the rising
UVLO threshold is exceeded (VINS > 1.2V), the output of the UVLO comparator
suddenly goes high (up to VDD) and the hysteresis resistor, effectively comes
partially across the upper resistor of the UVLO divider, assisting it in to pull up the
voltage on the VINS pin. This feedback, therefore, increases the voltage on the
VINS pin. Now, the input rail has to fall to a much lower level to allow the VINS pin
voltage to fall below 1.2V. That is how hysteresis is created by positive feedback
action through the hysteresis resistor. The exact math is shown in the 5.
Applications Information section. Note that the HYST pin always toggles between
high or low depending on whether the voltage on the VINS pin is above or below
1.2V, respectively. This can always be used to indicate when the input rail is above
the programmed rising threshold and when it falls below the programmed falling
threshold.
15
SYNC
Synchronizes the LX7309 to a frequency higher than its default value as set on
RFREQ pin. The synchronizing clock must be 2x the desired sync frequency, with a
maximum synchronizing clock frequency of 1 MHz (for 500 kHz PWM frequency).
The PG pin’s rising edge occurs at the same instant as the rising edge of the clock
being applied on the SYNC pin.
16
RFREQ
Connect a programming resistor from this pin to IC ground (pin GND) to set the
switching frequency. A typical value of the programming resistor is 49.9k, and this
value provides a frequency of 215 kHz. Halving it roughly doubles the frequency,
whereas doubling it halves the frequency. Note that the converter is designed to
operate from 100 kHz to 500 kHz based on this pin.
Switching frequency equation:
where Freq is [Hz] and RFREQ is in [Ω]
For more information, see the 5.2 Setting Switching Frequency section.
17
SS
This is the soft-start pin. Typically, a 0.1 µF capacitor, the “soft-start capacitor”, is
connected between this pin and IC ground (pin GND). The capacitor gets charged
up to 1.2V by an internal resistor, and the voltage on the capacitor, in effect, forms
the input voltage reference VREF of the error amplifier. But, note that this capacitor
serves other functions too; for example, it controls the rate of hiccupping under
overcurrent fault conditions. Therefore, even if the internal reference is not being
used (as in isolated topologies with a TL431 on the secondary side), the soft-start
capacitor is recommended to be in place always. The actual capacitor used is
determined by the application. For more information, see the 5.3 Setting Soft-Start
section.
18
RCLP
Low power clamp resistor. A resistor can be connected from this pin to IC ground
(pin GND) to set the exact level at which pulse-skipping mode is entered at light
loads. However, the usual default is to connect this pin directly to IC ground, in
which case pulse-skipping mode is disabled. The method to select the threshold
(and RCLP resistor value) is described in the 5. Applications Information section.
PD70211
Pin Configuration
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com