Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 2 Page - Microchip Technology

Part # PD70201
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 2 Page - Microchip Technology

  PD70201 Datasheet HTML 1Page - Microchip Technology PD70201 Datasheet HTML 2Page - Microchip Technology PD70201 Datasheet HTML 3Page - Microchip Technology PD70201 Datasheet HTML 4Page - Microchip Technology PD70201 Datasheet HTML 5Page - Microchip Technology PD70201 Datasheet HTML 6Page - Microchip Technology PD70201 Datasheet HTML 7Page - Microchip Technology PD70201 Datasheet HTML 8Page - Microchip Technology PD70201 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
The following table lists the Microchip PD products offerings.
Table 1. Microchip Powered Device Products Offerings
Part
Type
Package
IEEE
802.3af
IEEE
802.3at
HDBase
T (PoH)
UPoE
PD70100
Front end
3 mm × 4 mm 12L DFN
x
—
—
—
PD70101
Front end + PWM
5 mm × 5 mm 32L QFN
x
—
—
—
PD70200
Front end
3 mm × 4 mm 12L DFN
x
x
—
—
PD70201
Front end + PWM
5 mm × 5 mm 32L QFN
x
x
—
—
PD70210
Front end
5 mm × 5 mm 16L DFN
x
x
x
x
PD70210A
Front end
4 mm × 5 mm 16L DFN
x
x
x
x
PD70210AL
Front end
5 mm × 7 mm 38L QFN
x
x
x
x
PD70211
Front end + PWM
6 mm × 6 mm 36L QFN
x
x
x
x
PD70224
Ideal Diode Bridge
6 mm x 8 mm 40L QFN
x
x
x
x
Applications
The following are the applications of the PD70211 device.
• HDBaseT up to 95W
• IEEE 802.3af and IEEE 802at
• Power forwarding
• Indoor and outdoor PoE
PD70211
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com