Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 17 Page - Microchip Technology

Part # PD70201
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 13Page - Microchip Technology PD70201 Datasheet HTML 14Page - Microchip Technology PD70201 Datasheet HTML 15Page - Microchip Technology PD70201 Datasheet HTML 16Page - Microchip Technology PD70201 Datasheet HTML 17Page - Microchip Technology PD70201 Datasheet HTML 18Page - Microchip Technology PD70201 Datasheet HTML 19Page - Microchip Technology PD70201 Datasheet HTML 20Page - Microchip Technology PD70201 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
...........continued
Pin
Number
Designator
Description
3
4P_AT_FLAG
Open drain output. The pin gets actively pulled low when a 4-pair version of a (non-
standard) Type 2 PD-PSE mutually identify each other via classification. There is a
minimum 80 ms delay from the moment when the input capacitor is fully charged to
this signal activity. Signal is referenced to VPN_OUT.
4
RREF
Bias current resistor. A 60.4k, 1% resistor is connected between RREF and IC
ground (VPN_IN).
5
RCLASS
Sets the Class of the PD. Connect RCLASS (programming resistor) between this
pin and IC ground (VPN_IN). Allowed values are 133Ω, 69.8Ω, 45.3Ω, and 30.9Ω
for Class 1, 2, 3, and 4 respectively. If RCLASS is not present, the PD draws up to 3
mA during classification, therefore, indicating Class 0 (default Type 1) to the PSE.
Signal is referenced to VPN_IN.
6
HD_FLAG
Open drain output. The pin gets actively pulled low when a 2-pair HDBaseT PD-
PSE mutually identify each other through classification. There is a minimum of 80
ms delay from the moment when the input capacitor is fully charged to this signal
activity. Signal is referenced to VPN_OUT.
7
AT_FLAG
Open drain output. This pin gets actively pulled low when a Type 2 PD-PSE
mutually identifies each other through classification. There is a minimum of 80 ms
delay from the moment when the input capacitor is fully charged to this signal
activity. Signal is referenced to VPN_OUT.
8, 9
VPN_IN
Lower rail of the incoming PSE voltage rail—from the negative terminal of the two
OR-ed bridge rectifiers (the corresponding upper PoE rail is VPP).
10, 11
VPN_OUT
This is in effect, the switched ground for establishing continuity to the PWM section
after successful detection, classification, and power-up. It is connected to the power
ground and PWM controller IC’s ground plane of the DC-DC converter section.
12
ENABLE
A logic-level input to enable the converter. It can be pulled up constantly, for
example, with a 100k resistor to VDD, to forcibly enable the converter, provided the
input supply has exceeded any applicable UVLO thresholds as set on the VINS pin
or on the VCC pin. Internally, the ENABLE pin goes to the input of an OR-gate, the
other input terminal of which is tied to “POK”—a signal provided by the front-end. If
the ENABLE pin is forced high, the output of the OR-gate goes high and the
converter is allowed to start (provided all UVLO’s are past). If the ENABLE pin is
held low, the internal node “POK” goes active/high when the PD’s front-end
conducts (power OK), so the OR-gate goes high once again. In this case, the
switching converter turns ON as required by the PoE standard. However, for
supporting wall adapters, injecting power after the front-end (at the input of the
converter), the converter can be turned ON forcefully, without the front-end signaling
“PGOOD”, by not tying the ENABLE pin low, but by tying it high (to VDD). That turns
ON the converter irrespective of the state of the front-end (conducting or not), and
whether there is any incoming PoE power or not.
13
VINS
The VINS pin is a programmable UVLO pin. The converter turns ON provided the
voltage on the VINS pin is above 1.2V (and VCC is not in UVLO, and ENABLE pin
is also high—connected to VDD, for example). The converter stops switching (turns
OFF) when the voltage on the VINS pin falls below 1.2V (or if ENABLE is taken low,
or if VCC falls outside its operating range). Thus, by connecting a voltage divider
between input rail and IC ground, the UVLO threshold to enable switching can be
set. However, to have a smooth startup, it is advisable to have some hysteresis too,
by means of a resistor between VINS and HYST as explained in pin-14.
PD70211
Pin Configuration
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com