Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD70201 Datasheet(PDF) 25 Page - Microchip Technology

Part # PD70201
Description  PD Controller with Switching Regulator for AF/AT/UPOE/ HDBaseT/4-pair PoE Applications
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70201 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PD70201 Datasheet HTML 21Page - Microchip Technology PD70201 Datasheet HTML 22Page - Microchip Technology PD70201 Datasheet HTML 23Page - Microchip Technology PD70201 Datasheet HTML 24Page - Microchip Technology PD70201 Datasheet HTML 25Page - Microchip Technology PD70201 Datasheet HTML 26Page - Microchip Technology PD70201 Datasheet HTML 27Page - Microchip Technology PD70201 Datasheet HTML 28Page - Microchip Technology PD70201 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
5.4
Setting Pulse-skip Mode Threshold
If an RCLP programming resistor is placed between RCLP pin and IC ground, the clamping voltage level is given by:
For example, if RCLP = RFREQ, assuming that both are 49.9k, then the converter enters pulse skipping when the
output of the current sense amplifier drops to 0.3V.
Note:  The gain with this current amplifier is 5.
Therefore, in terms of the voltage on the sense resistor (input of the current amplifier), 0.3V/5 = 0.06V. As the
converter is usually designed in such a way that its peak is around 0.2V (the peak of Rsense voltage before it starts
to current limit), ratio of 0.06V/0.2V = 0.3 is obtained. In other words, the converter enters pulse-skipping when the
output current is 30% of the maximum designed output current.
5.5
Setting UVLO/Hysteresis Thresholds
Note: A 470k resistor from PG pin to VINS pin is required for guaranteeing proper termination of gate drive pulse
during UVLO.
For example, a divider is connected to input at the VINS pin, and resistors are called RUPPER and RLOWER. RHYST, a
hysteresis resistor from the output of the UVLO comparator, which provides positive feedback on to the VINS pin, is
also present, as explained in the 3. Pin Configuration section. When the input voltage is rising, in effect, the
hysteresis resistor is in parallel to the lower resistor RLOWER. When the voltage on the VINS pin rises above 1.2V, the
UVLO comparator flips and the hysteresis resistor appears connected to 5V (output of the UVLO comparator). The
equivalent configurations are shown in Figure 5-1. After solving the equations, the following example indicates the set
thresholds. The values are as used in Figure 1-2.
Therefore, with the selected resistors, a rising threshold of 39.8V and a falling threshold of 34.8V is achieved.
PD70211
Applications Information
© 2020 Microchip Technology Inc.
Datasheet
DS00003672A-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com