Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZMS-U9T-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # RZMS-U9T-R
Description  Remote I/O RZMS Series UNIVERSAL INPUT MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

RZMS-U9T-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button RZMS-U9T-R Datasheet HTML 3Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 4Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 5Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 6Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 7Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 8Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 9Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 10Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 11Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MODEL: RZMS-U9
RZMS-U9 SPECIFICATIONS
ES-7605 Rev.13 Page 7/12
http://www.m-system.co.jp/
EXTERNAL VIEW
T1 T2 T3 T4
T5 T6 T7
1A 1B 1C 3A 3B 3C 5A 5B 5C 7A 7B 7C 9A 9B 9C 11A 11B
ALM
+
ALM
–
11C
2A 2B 2C 4A 4B 4C 6A 6B 6C 8A 8B 8C 10A 10B 10C 12A 12B 12C TRG
+
TRG
–
RUN Indicator LED
COMM Indicator LED
ERR Indicator LED
TRIG Indicator LED
ALM Indicator LED
RS-485 Connector
Configurator Jack
Node Address Setting
Rotary SW
Operating Mode
Setting Rotary SW
RS-232-C
9-pin Connector
Power / FG Terminals
■ TOP VIEW
■ REAR VIEW
■ INDICATOR LED
RUN: Green LED blinks when the internal microprocessor is operating normally.
COMM: Communication LED. Amber LED turns on when the RZMS is receiving normal data query frames from Modbus and sending
responses out.
ERR: Error LED. Red LED turns on with internal errors and blinks when the RZMS is receiving abnormal data query frames from Modbus.
TRG: Trigger LED. Amber LED turns on when the trigger contact input turns on.
ALM: Alarm LED. Amber LED turns on when the alarm contact output turns on.
ABBR.
PIN NO.
EXPLANATION OF FUNCTION
BA (SD)
2
Transmitted Data
BB (RD)
3
Received Data
AB (SG)
5
Signal Common
CB (CS)
7
Clear to Send
CA (RS)
8
Request to Send
1
Not Used.
4
DO NOT connect. Connecting may
6
cause malfunctions.
9
1
5
6
9
■ RS-232-C INTERFACE
R1M Series
This Unit
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
The above connection including solid and broken lines is an example of ‘Interlink’ cable.
• Pin Assignments
• Use a ‘Straight’ cable to connect this model to a PC if not with the cable included in the product package.
• For connecting this model to the R1M or the R2K-1 via RS-232-C, the RS-232-C cable must satisfy the following conditions:
(1) Includes the connections shown with solid lines in the figure below.
(2) Pins No. 8 are not connected between each other. (May cause breakdowns.)
‘Interlink’ or ‘Reverse’ cables are usually applicable.
■ RS-232-C CABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com