Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZMS-U9T-R Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # RZMS-U9T-R
Description  Remote I/O RZMS Series UNIVERSAL INPUT MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

RZMS-U9T-R Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button RZMS-U9T-R Datasheet HTML 4Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 5Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 6Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 7Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 8Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 9Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 10Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 11Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 12Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MODEL: RZMS-U9
RZMS-U9 SPECIFICATIONS
ES-7605 Rev.13 Page 9/12
http://www.m-system.co.jp/
CONNECTION DIAGRAM
Note: In order to improve EMC performance, bond the FG terminal to ground.
Caution: FG terminal is NOT a protective conductor terminal.
RS-232-C
T3
T4
T2
T1
T7
T6
T5
Term.
Resist.
Network
Interface
Isolated
Multi-output
Power
Circuit
+
Shielded Twisted-pair Cable
To Other
I/O Modules
Jumper *2
FG
U (+)
V (–)
POWER
JACK
CONFIGURATOR
INPUT 2
1A
1B
1C
INPUT 1
2A
2B
2C
Analog
Input
Circuit 1
Analog
Input
Circuit 2
INPUT 4
3A
3B
3C
INPUT 3
4A
4B
4C
Analog
Input
Circuit 3
Analog
Input
Circuit 4
INPUT 6
5A
5B
5C
INPUT 5
6A
6B
6C
Analog
Input
Circuit 5
Analog
Input
Circuit 6
INPUT 8
7A
7B
7C
INPUT 7
8A
8B
8C
Analog
Input
Circuit 7
Analog
Input
Circuit 8
INPUT 10
9A
9B
9C
INPUT 9
10A
10B
10C
Analog
Input
Circuit 9
Analog
Input
Circuit 10
INPUT 12
11A
11B
11C
INPUT 11
12A
12B
12C
Analog
Input
Circuit 11
Analog
Input
Circuit 12
TRIGGER
INPUT
ALM
ALM
ALARM
OUTPUT
TRG+
TRG–
Isolated
Alarm Output
Isolated
Trigger Input
Micro
Processor
Based
Controller
*1
C
B
A
ext. wire
+
+
C
B
A
C
B
A
C
B
A
ext. wire
+
+
+
C
B
A
+
A
B
B
3
2
1
max.
min.
■ DC INPUT
■ T/C INPUT
• Upscale / No Burnout
■ T/C INPUT
• Downscale Burnout
■ RTD INPUT
■ POTENTIOMETER INPUT
*1 Input Connection Examples
*2 When the device is located at the end of a transmission line via twisted-pair cable, (when there is no cross-wiring),
close across the terminal T2 – T3 with the attached jumper pin (or with a leadwire).
When the device is not at the end, remove the jumper pin.
Note 1:
Note 2:
Note 3:
Note 4:
Note 5:
Note 6:
In order to protect the RZMS-U9 module and connected devices in connecting/disconnecting Modbus cable or
the configurator cable, be sure to earth FG terminals of the RZMS-U9 and the connected device to a most stable
earth point in the environment. Grounding is also effective to eliminate problems caused by noises.
Be careful to eliminate noise as much as possible by e.g. using shielded cables.
The smaller is common mode voltage (DC and AC) between C terminals and between C and FG, the better is
measuring accuracy. Connecting between C terminals and if possible to FG will yield the best accuracy.
Resistor modules (model: REM3-250) can be connected to 1A through 12C terminals to convert current inputs into voltage.
However, it is not recommended when TC inputs are mixed because the heat developed on and around the REM3 affects
the cold junction compensation performance. We recommend that REM3 be connected on a separate terminal board.
When the internal temperature sensors are used for CJC, temperature imbalance around the terminal block affects greatly
the CJC accuracy. In order to minimize such imbalance, do not use wires of large diameter which has large heat dissipation.
Be sure to close the terminal cover. Do not expose the module directly in the line of wind from a cooling fan.
Two-wire RTD can be used by closing across B and C terminals. Be sure to compensate wire resistance by PC Configurator
Software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com