Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZMS-U9T-R Datasheet(PDF) 11 Page - M-System Co.,Ltd.

Part # RZMS-U9T-R
Description  Remote I/O RZMS Series UNIVERSAL INPUT MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

RZMS-U9T-R Datasheet(HTML) 11 Page - M-System Co.,Ltd.

Back Button RZMS-U9T-R Datasheet HTML 4Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 5Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 6Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 7Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 8Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 9Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 10Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 11Page - M-System Co.,Ltd. RZMS-U9T-R Datasheet HTML 12Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MODEL: RZMS-U9
RZMS-U9 SPECIFICATIONS
ES-7605 Rev.13 Page 11/12
http://www.m-system.co.jp/
■ DATA ADDRESS
ADDRESS
DATA FORMAT
NAME
Coil (0X)
1
bit
Alarm output
33 – 44
bit
Cold junction compensation SW
Input Status (1X)
1
bit
Trigger contact input
33 – 44
bit
ADC overrange
Input Register (3X)
1 – 12
I
Analog input, integer
17 – 40
F
Analog input, floating point (engineering unit value V, °C, %)
49 – 72
F
Terminal temperature per channel (°C)
81 – 92
I
Channel status
201 – 224
F
Analog input, raw data (V,
,%)
302
I
Mode switch setting
513
I
Analog input status
514 – 521
B16
Model No.
522 – 529
B16
Serial No.
530 – 537
B16
Hardware version No.
538 – 545
B16
Firmware version No.
Holding Register (4X)
49 – 72
F
Input filter time constant per channel (seconds)
145 – 156
I
Input type No. per channel
161 – 172
I
Burnout type per channel
573
I
Line noise filtering frequency
bit = 1 bit, I = 16-bit integer, F = 32-bit
oating, B16 = 16-byte character
Accessing addresses other than described above may affect the device operation or cause errors.
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
1A 1B 1C 3A 3B 3C 5A 5B 5C 7A 7B 7C 9A 9B 9C 11A 11B
ALM
+
ALM
11C
2A 2B 2C 4A 4B 4C 6A 6B 6C 8A 8B 8C 10A 10B 10C 12A 12B 12C TRG
+
TRG
T1 T2 T3 T4
T5 T6 T7
175 (6.89)
56.5 (2.22)
[6 (.24)]
165 (6.50)
6.2 (.24)
FOR WALL MOUNT.
40–M3 I/O TERMINALS
3–5 (.20) dia.
MTG HOLES
DIN RAIL
35 mm wide
When the module is mounted on a DIN rail attached on the wall surface in vertical direction,
use of a attachment plate to prevent the module from sliding down is recommended.
15.5 (.61)
3 (.12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com