Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47N237-MD Datasheet(PDF) 17 Page - SMSC Corporation

Part # LPC47N237-MD
Description  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237-MD Datasheet(HTML) 17 Page - SMSC Corporation

Back Button LPC47N237-MD Datasheet HTML 13Page - SMSC Corporation LPC47N237-MD Datasheet HTML 14Page - SMSC Corporation LPC47N237-MD Datasheet HTML 15Page - SMSC Corporation LPC47N237-MD Datasheet HTML 16Page - SMSC Corporation LPC47N237-MD Datasheet HTML 17Page - SMSC Corporation LPC47N237-MD Datasheet HTML 18Page - SMSC Corporation LPC47N237-MD Datasheet HTML 19Page - SMSC Corporation LPC47N237-MD Datasheet HTML 20Page - SMSC Corporation LPC47N237-MD Datasheet HTML 21Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
SMSC DS – LPC47N237
Page 17
Revision 0.3 (10-26-04)
DATASHEET
PIN#
NAME
(NOTE 4.1)
DESCRIPTION
BUFFER
NAME
(NOTE 4.2)
PWR
WELL
(NOTE
4.3)
NOTES
47
LGP47
(SYSOPT)
LPC General Purpose I/O.
System Option. At trailing edge of
hardware reset this pin is latched to
determine the configuration base address:
0=Index Base I/O Address 0x2E; 1=Index
Base I/O Address 0x4E.
IO8
VCC
(Note 4.8)
SMBus GPIO BLOCK (40)
9
SCLK
SMBus Clock IOD
IS2OD12
VTR
3
SDAT
SMBus Data IOD
IS2OD12
VTR
6
nSMBINT
SMBus Interrupt Open-Drain Output
OD8
VTR
5
SMB_A0
LSB of SMBus Address sampled on VTR
POR. Connect to GND or pull-up to VTR.
I
VTR
15,49,
50,51,
52,54,
55,16
GP10-GP17
57-
59,
14,
40-43
GP20-GP27
11,
33-
38, 12
GP30-GP37
92,
94-
100
GP50-GP57
SMBus Controlled General Purpose I/O.
The GPIOs can be programmed as open-
drain output. These pins are either-edge
wakeup inputs and can be driven under
VTR power. The default is input on VTR
POR.
IO8
VTR
8
SCLK_1
SMBus Clock 1 IOD. This is an SMBus
Clock pin that can be isolated from the
SCLK pin (in conjunction with SDAT_1)
IS2OD12
VTR
2
SDAT_1
SMBus Data 1 IOD. This is an SMBus Data
pin that can be isolated from the SDAT pin
(in conjunction with SCLK_1)
IS2OD12
VTR
10
SCLK_2
SMBus Clock 2 IOD. This is an SMBus
Clock pin that can be isolated from the
SCLK pin (in conjunction with SDAT_2)
IS2OD12
VTR
4
SDAT_2
SMBus Data 2 IOD. This is an SMBus Data
pin that can be isolated from the SDAT pin
(in conjunction with SCLK_2)
IS2OD12
VTR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com