Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47N237-MD Datasheet(PDF) 49 Page - SMSC Corporation

Part # LPC47N237-MD
Description  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237-MD Datasheet(HTML) 49 Page - SMSC Corporation

Back Button LPC47N237-MD Datasheet HTML 45Page - SMSC Corporation LPC47N237-MD Datasheet HTML 46Page - SMSC Corporation LPC47N237-MD Datasheet HTML 47Page - SMSC Corporation LPC47N237-MD Datasheet HTML 48Page - SMSC Corporation LPC47N237-MD Datasheet HTML 49Page - SMSC Corporation LPC47N237-MD Datasheet HTML 50Page - SMSC Corporation LPC47N237-MD Datasheet HTML 51Page - SMSC Corporation LPC47N237-MD Datasheet HTML 52Page - SMSC Corporation LPC47N237-MD Datasheet HTML 53Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
SMSC DS – LPC47N237
Page 49
Revision 0.3 (10-26-04)
DATASHEET
1.
If the EPP bus is not ready (nWAIT is active low) when nDATASTB or nADDRSTB goes active then
the write can complete when nWAIT goes inactive high.
2.
If the EPP bus is ready (nWAIT is inactive high) then the chip must wait for it to go active low before
changing the state of nDATASTB, nWRITE or nADDRSTB. The write can complete once nWAIT is
determined inactive.
Write Sequence of operation
1.
The host initiates an I/O write cycle to the selected EPP register.
2.
If WAIT is not asserted, the chip must wait until WAIT is asserted.
3.
The chip places address or data on PData bus, clears PDIR, and asserts nWRITE.
4.
Chip asserts nDATASTB or nADDRSTRB indicating that PData bus contains valid information, and
the WRITE signal is valid.
5.
Peripheral deasserts nWAIT, indicating that any setup requirements have been satisfied and the chip
may begin the termination phase of the cycle.
6.
a.) The chip deasserts nDATASTB or nADDRSTRB, this marks the beginning of the termination
phase. If it has not already done so, the peripheral should latch the information byte now.
b.) The chip latches the data from the internal data bus for the PData bus and drives the sync that
indicates that no more wait states are required followed by the TAR to complete the write cycle.
7.
Peripheral asserts nWAIT, indicating to the host that any hold time requirements have been satisfied
and acknowledging the termination of the cycle.
8.
Chip may modify nWRITE and nPDATA in preparation for the next cycle.
9.2.3
EPP 1.9 Read
The timing for a read operation (data) is shown in timing diagram EPP Read Data cycle. The chip inserts
wait states into the LPC I/O read cycle until it has been determined that the read cycle can complete. The
read cycle can complete under the following circumstances:
1.
If the EPP bus is not ready (nWAIT is active low) when nDATASTB goes active then the read can
complete when nWAIT goes inactive high.
2.
If the EPP bus is ready (nWAIT is inactive high) then the chip must wait for it to go active low before
changing the state of WRITE or before nDATASTB goes active. The read can complete once nWAIT
is determined inactive.
Read Sequence of Operation
1.
The host initiates an I/O read cycle to the selected EPP register.
2.
If WAIT is not asserted, the chip must wait until WAIT is asserted.
3.
The chip tri-states the PData bus and deasserts nWRITE.
4.
Chip asserts nDATASTB or nADDRSTRB indicating that PData bus is tri-stated, PDIR is set and the
nWRITE signal is valid.
5.
Peripheral drives PData bus valid.
6.
Peripheral deasserts nWAIT, indicating that PData is valid and the chip may begin the termination
phase of the cycle.
7.
a.) The chip latches the data from the PData bus for the internal data bus and deasserts nDATASTB
or nADDRSTRB. This marks the beginning of the termination phase.
b.) The chip drives the sync that indicates that no more wait states are required and drives valid data
onto the LAD[3:0] signals, followed by the TAR to complete the read cycle.
8.
Peripheral tri-states the PData bus and asserts nWAIT, indicating to the host that the PData bus is tri-
stated.
9.
Chip may modify nWRITE, PDIR and nPDATA in preparation for the next cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com