Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47N237-MD Datasheet(PDF) 21 Page - SMSC Corporation

Part # LPC47N237-MD
Description  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237-MD Datasheet(HTML) 21 Page - SMSC Corporation

Back Button LPC47N237-MD Datasheet HTML 17Page - SMSC Corporation LPC47N237-MD Datasheet HTML 18Page - SMSC Corporation LPC47N237-MD Datasheet HTML 19Page - SMSC Corporation LPC47N237-MD Datasheet HTML 20Page - SMSC Corporation LPC47N237-MD Datasheet HTML 21Page - SMSC Corporation LPC47N237-MD Datasheet HTML 22Page - SMSC Corporation LPC47N237-MD Datasheet HTML 23Page - SMSC Corporation LPC47N237-MD Datasheet HTML 24Page - SMSC Corporation LPC47N237-MD Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
SMSC DS – LPC47N237
Page 21
Revision 0.3 (10-26-04)
DATASHEET
Chapter 6 Power/Clock Functionality
The LPC47N237 has two power planes: VCC and VTR. It contains 24 MHz crystal pins and 24 MHz clock
output.
6.1
3.3 Volt Operation / 5 Volt Tolerance
The LPC47N237 is a 3.3 Volt part. It is intended solely for 3.3V applications. Non-LPC bus pins are 5V
tolerant; that is, the input voltage is 5.5V max, and the I/O buffer output pads are backdrive protected.
The LPC interface pins are 3.3 V only. These signals meet PCI DC specifications for 3.3V signaling.
These pins are:
LAD[3:0]
nLFRAME
nLDRQ
nLPCPD
The input voltage for all other pins is 5.5V max. These pins include all non-LPC Bus pins and the following
pins:
nPCI_RESET
PCI_CLK
SER_IRQ
nCLKRUN
nIO_PME
6.2
VCC Power
The LPC47N237 is a 3.3 Volt part. The VCC supply is 3.3 Volts (nominal). See the Operational
Description Section and the Maximum Current Values subsection.
6.3
VTR Power
The LPC47N237 requires a trickle supply (VTR) to provide sleep current for the programmable wake-up
events in the PME interface when VCC is removed. The VTR supply is 3.3 Volts (nominal). See the
Operational Description Section. The maximum VTR current that is required depends on the functions that
are used in the part. See Trickle Power Functionality subsection and the Maximum Current Values
subsection. If the LPC47N237 is not intended to provide wake-up capabilities on standby current, VTR can
be connected to VCC. The VTR pin generates a VTR Power-on-Reset signal to initialize these components.
Note: If VTR is to be used for programmable wake-up events when VCC is removed, VTR must be at its full
minimum potential at least 10
µs before VCC begins a power-on cycle. When VTR and VCC are fully
powered, the potential difference between the two supplies must not exceed 500mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com