Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC47N237-MD Datasheet(PDF) 61 Page - SMSC Corporation

Part # LPC47N237-MD
Description  3.3V I/O CONTROLLER FOR PORT REPLICATORS AND DOCKING STATIONS
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LPC47N237-MD Datasheet(HTML) 61 Page - SMSC Corporation

Back Button LPC47N237-MD Datasheet HTML 57Page - SMSC Corporation LPC47N237-MD Datasheet HTML 58Page - SMSC Corporation LPC47N237-MD Datasheet HTML 59Page - SMSC Corporation LPC47N237-MD Datasheet HTML 60Page - SMSC Corporation LPC47N237-MD Datasheet HTML 61Page - SMSC Corporation LPC47N237-MD Datasheet HTML 62Page - SMSC Corporation LPC47N237-MD Datasheet HTML 63Page - SMSC Corporation LPC47N237-MD Datasheet HTML 64Page - SMSC Corporation LPC47N237-MD Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 138 page
background image
3.3v I/O Controller for Port Replicators and Docking Stations
SMSC DS – LPC47N237
Page 61
Revision 0.3 (10-26-04)
DATASHEET
9.6.3
Operation
Mode Switching/Software Control
Software will execute P1284 negotiation and all operation prior to a data transfer phase under programmed
I/O control (mode 000 or 001). Hardware provides an automatic control line handshake, moving data
between the FIFO and the ECP port only in the data transfer phase (modes 011 or 010).
Setting the mode to 011 or 010 will cause the hardware to initiate data transfer.
If the port is in mode 000 or 001 it may switch to any other mode. If the port is not in mode 000 or 001 it
can only be switched into mode 000 or 001. The direction can only be changed in mode 001.
ECP Operation
Prior to ECP operation the Host must negotiate on the parallel port to determine if the peripheral supports
the ECP protocol. This is a somewhat complex negotiation carried out under program control in mode 000.
After negotiation, it is necessary to initialize some of the port bits. The following are required:
Set Direction = 0, enabling the drivers.
Set strobe = 0, causing the nStrobe signal to default to the deasserted state.
Set autoFd = 0, causing the nAutoFd signal to default to the deasserted state.
Set mode = 011 (ECP Mode)
ECP address/RLE bytes or data bytes may be sent automatically by writing the ecpAFifo or ecpDFifo
respectively.
Note that all FIFO data transfers are byte wide and byte aligned. Address/RLE transfers are byte-wide and
only allowed in the forward direction.
The host may switch directions by first switching to mode = 001, negotiating for the forward or reverse
channel, setting direction to 1 or 0, then setting mode = 011. When direction is 1 the hardware shall
handshake for each ECP read data byte and attempt to fill the FIFO. Bytes may then be read from the
ecpDFifo as long as it is not empty.
ECP transfers may also be accomplished (albeit slowly) by handshaking individual bytes under program
control in mode = 001, or 000.
Termination from ECP Mode
Termination from ECP Mode is similar to the termination from Nibble/Byte Modes. The host is permitted to
terminate from ECP Mode only in specific well-defined states. The termination can only be executed while
the bus is in the forward direction. To terminate while the channel is in the reverse direction, it must first be
transitioned into the forward direction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com