Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AW024BE Datasheet(PDF) 12 Page - STMicroelectronics

Part # M69AW024BE
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024BE Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M69AW024BE Datasheet HTML 8Page - STMicroelectronics M69AW024BE Datasheet HTML 9Page - STMicroelectronics M69AW024BE Datasheet HTML 10Page - STMicroelectronics M69AW024BE Datasheet HTML 11Page - STMicroelectronics M69AW024BE Datasheet HTML 12Page - STMicroelectronics M69AW024BE Datasheet HTML 13Page - STMicroelectronics M69AW024BE Datasheet HTML 14Page - STMicroelectronics M69AW024BE Datasheet HTML 15Page - STMicroelectronics M69AW024BE Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
M69AW024BE
12/25
Table 5. Capacitance
Note: 1. Outputs deselected.
Table 6. DC Characteristics
Note: 1. Average AC current, Outputs open, cycling at tAVAX (min).
2. Maximum DC voltage on inputs and I/O pins is VCC +0.2V.
During voltage transitions, data inputs may overshoot to VCC + 1.0V for a period of up to 5ns.
3. Minimum DC voltage on input or I/O pins is –0.3V.
During voltage transitions, data inputs may overshoot to VSS + 1.0V for a period of up to 5ns.
Symbol
Parameter
Test
Condition
Min
Max
Unit
CIN
Input Capacitance on all pins (except DQ)
VIN = 0V
5pF
COUT
(1)
Output Capacitance
VOUT = 0V
8pF
Symbol
Parameter
Test Condition
Min
Max
Unit
ICC1
(1)
Operating Supply
Current
VCC = 3.3V,
VIN = VIH or VIL,
E1
= VIL, E2 = VIH, IOUT = 0mA
tRC/tWC =
Min
20
mA
tRC/tWC =
1µs
3.0
mA
ILI
Input Leakage
Current
0V
≤ VIN ≤ VCC
–1
1
µA
ILO
Output Leakage
Current
0V
≤ VOUT ≤ VCC
–1
1
µA
IPD
Deep Power Down
Current
VCC = 3.3V,
VIN = VIH or VIL,
E2
≤ 0.2V
10
µA
ISB
Standby Supply
Current CMOS
3.1V
≤ VCC ≤ 3.3V,
VIN ≤ 0.2V or ≥ VCC –0.2V,
E1
≥ VCC –0.2V and
E2
≥ VCC –0.2V), IOUT = 0mA
100
µA
2.7V
≤ VCC ≤ 3.1V,
VIN ≤ 0.2V or ≥ VCC –0.2V,
E1
≥ VCC –0.2V and
E2
≥ VCC –0.2V), IOUT = 0mA
70
µA
VIH
(2)
Input High Voltage
2.7V
≤ VCC ≤ 3.3V
0.8VCC
VCC + 0.2
V
VIL
(3)
Input Low Voltage
2.7V
≤ VCC ≤ 3.3V
–0.3
0.2VCC
V
VOH
Output High Voltage
3.1V
≤ VCC ≤ 3.3V, IOH = –0.5mA
2.5
V
2.7V
≤ VCC ≤ 3.1V, IOH = –0.5mA
2.2
V
VOL
Output Low Voltage
IOL = 1mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com