Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AW024BE Datasheet(PDF) 21 Page - STMicroelectronics

Part # M69AW024BE
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024BE Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M69AW024BE Datasheet HTML 17Page - STMicroelectronics M69AW024BE Datasheet HTML 18Page - STMicroelectronics M69AW024BE Datasheet HTML 19Page - STMicroelectronics M69AW024BE Datasheet HTML 20Page - STMicroelectronics M69AW024BE Datasheet HTML 21Page - STMicroelectronics M69AW024BE Datasheet HTML 22Page - STMicroelectronics M69AW024BE Datasheet HTML 23Page - STMicroelectronics M69AW024BE Datasheet HTML 24Page - STMicroelectronics M69AW024BE Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21/25
M69AW024BE
Figure 18. Power-Down Entry ad Exit AC Waveforms
Note: The Power-Down mode timing can also be used as a Reset timing if the Power-up mode timing cannot be satisfied.
Figure 19. Standby Mode Entry AC Waveforms, after Read or Write
Note: Both tEHGH and tEHWH define the earliest entry timing for Standby mode. If one of these timings is not satisfied, it takes a tAVAX(min)
delay to enter Standby mode from E1 rising edge.
E2
E1
AI09946
Power-Down
Entry
Power-Down Mode
DQ0-D15
tEHCH
tCLEL
tELCH
tCHEL
Power-Down
Exit
Hi-Z
AI07741b
E1
G
W
tEHGH
tEHWH
Active (Write)
Standby
Active (Read)
Standby
E1
G
W
High
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com