Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AW024BE Datasheet(PDF) 20 Page - STMicroelectronics

Part # M69AW024BE
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024BE Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M69AW024BE Datasheet HTML 16Page - STMicroelectronics M69AW024BE Datasheet HTML 17Page - STMicroelectronics M69AW024BE Datasheet HTML 18Page - STMicroelectronics M69AW024BE Datasheet HTML 19Page - STMicroelectronics M69AW024BE Datasheet HTML 20Page - STMicroelectronics M69AW024BE Datasheet HTML 21Page - STMicroelectronics M69AW024BE Datasheet HTML 22Page - STMicroelectronics M69AW024BE Datasheet HTML 23Page - STMicroelectronics M69AW024BE Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
M69AW024BE
20/25
Table 9. Standby, Power-Down and Power-Up AC Parameters
Note: 1. Applicable both to Power-Down and Power-Up.
2. Some data might be written into any address location if tEHWL (min) is not satisfied.
3. The Input Transition Time used in AC measurements is 5ns.
4. TBD = to be defined.
Figure 16. Power-up Mode AC Waveforms - 1
Note: tEHCH2 is defined from VCC reaching VCC(min).
Figure 17. Power-up Mode AC Waveforms - 2
Note: tCHEL is defined from VCC reaching VCC(min) and applicable both for E1 and E2 signals.
Symbol
Alt.
Parameter
M69AW024BE
Unit
–60
Min
Max
tCLEL
tCSP
E2 Low Setup Time for Power Down Entry
10
ns
tELCH
tC2LP
E2 Low Hold Time after Power Down Entry
80
ns
tCHEL
(1)
tCHH
E1 High Hold Time following E2 High after Power-Down Exit
E1 High Hold Time following E2 High after Power-Up
300
µs
tEHCH
tCHS
E1 High Setup Time following E2 High after Power-Down Exit
0
ns
tEHGH
tCHOX
E1 High to G Invalid Time for Standby Entry
10
ns
tEHWH
(2)
tCHWX
E1 High to W Invalid Time for Standby Entry
10
ns
tτ
(3)
tτ
Input Transition Time
1
25
ns
tEHCH2
tC2LH
Power-Up Time
50
µs
AI07740b
VCC
VCC min
E2
E1
tCHEL
tEHCH2
tEHCH
0V
AI09945
VDD
tEHEL
VDDmin
E1
E2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com