Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M69AW024BE Datasheet(PDF) 13 Page - STMicroelectronics

Part # M69AW024BE
Description  16 Mbit (1M x16) 3V Asynchronous PSRAM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M69AW024BE Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M69AW024BE Datasheet HTML 9Page - STMicroelectronics M69AW024BE Datasheet HTML 10Page - STMicroelectronics M69AW024BE Datasheet HTML 11Page - STMicroelectronics M69AW024BE Datasheet HTML 12Page - STMicroelectronics M69AW024BE Datasheet HTML 13Page - STMicroelectronics M69AW024BE Datasheet HTML 14Page - STMicroelectronics M69AW024BE Datasheet HTML 15Page - STMicroelectronics M69AW024BE Datasheet HTML 16Page - STMicroelectronics M69AW024BE Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13/25
M69AW024BE
Table 7. Read and Standby Modes AC Characteristics
Note: 1. The maximum value of this timing is applicable if E1 is kept Low with addresses unchanged.If needed by the system operation,
please contact your local ST representative for relaxation of the 1000ns limitation.
2. Addresses should not be changed during tAVAX(min).
3. These parameters are measured according to the conditions on input and output timing reference voltage shown on Figure 6., AC
Measurement I/O Waveform.
4. The output load capacitance is 5pF without any other load.
5. These timings are given for E1 Low.
6. tAVAX(min) must be satisfied.
7. If the current value of tWHGL is lower than the minimum value given in the above table, tAVQV during the following Read operation
may increase by tWHGL(current) – tWHGL(min).
8. All timings are measured according to the conditions for output transition timing reference voltage shown on Figure 6., AC Mea-
surement I/O Waveform.
Symbol
Alt.
Parameter
M69AW024BE
Unit
–60
Min
Max
tAVAX, tELEH
(1,2)
tRC
Read Cycle Time
70
1000
ns
tELQV
(3)
tCE
Chip Enable Access Time
60
ns
tGLQV
(3)
tOE
Output Enable Access Time
40
ns
tAVQV
(3,5)
tAA
Address Access Time
60
ns
tBLQV
(3)
tBA
LB, UB Low to Output Valid
30
ns
tAXQX, tGHQX,
tBHQX, tEHQX
(8)
tOH
Output Hold Time after Chip Enable Low
5
ns
tELQX
(4,8)
tCLZ
Chip Enable Low to Output Low-Z
5
ns
tGLQX
(4,8)
tOLZ
Output Enable Low to Output Low-Z
0
ns
tBLQX
(4,8)
tBLZ
LB, UB Low to Output Low-Z
0
ns
tEHQZ
(8)
tCHZ
Chip Enable High to Output Hi-Z
20
ns
tGHQZ
(8)
tOHZ
Output Enable High to Output Hi-Z
20
ns
tBHQZ
(8)
tBHZ
LB, UB High to Output Hi-Z
20
ns
tAVEL
tASC
Address Set-up Time to Chip Enable Low
–5
ns
tAVGL
tASO
Address Valid to Output Enable Low
10
ns
tAXAV
(5)
tAX
Address Invalid Time
10
ns
tEHAX
(6)
tCHAH
Chip Enable High to Address Hold Time
–5
ns
tGHAX
tOHAH
Output Enable High to Address Hold Time
–5
ns
tWHGL
(7)
tWHOL
Write Enable High to Output Enable Low (Read Operations)
10
1000
ns
tEHEL
tCP
Chip Enable High Pulse Width
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com