Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AFR3 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 24Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 25Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 26Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 27Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 28Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 29Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 30Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 31Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Auto-increment Address
Name
Type
Register
Address
F_READ = 0
F_READ = 1
Default
Values
BT_MODE =
GND/[VDD]
Comment
VECM_MSB [1] [3]
R
03h
04h/06h/08h/0Ch/0Eh/10h
—
12-bit unsigned vector magnitude MSB/LSB:
VECM[11:8] (MSB) when
SENS_CONFIG2[LE_BE]
= 0, and VECM[3:0] (LSB) when
SENS_
CONFIG2[LE_BE] = 1. This register is skipped over
by the auto-increment mechanism when
SENS_
CONFIG5[VECM_EN] = 0.
OUT_X_LSB [1] [3]
R
04h
05h
06h/08h/00h
—
LSB/MSB of current 12-bit X-axis accelerometer
output data – x_data_out[7:0] when
SENS_
CONFIG2[LE_BE] = 0 and x_data_out[11:4] when
SENS_CONFIG2[LE_BE] = 1. When SENS_
CONFIG5[X_DIS] = 1, this register is skipped over
by the auto-increment mechanism.
OUT_X_MSB [1] [3]
R
05h
06h/08h/00h
—
MSB/LSB of current 12-bit X-axis accelerometer
output data – x_data_out[11:8] when
SENS_
CONFIG2[LE_BE] = 0 and x_data_out[3:0] when
SENS_CONFIG2[LE_BE] = 1. When SENS_
CONFIG5[X_DIS] = 1, this register is skipped over
by the auto-increment mechanism.
OUT_Y_LSB [1] [3]
R
06h
07h
08h/00h
—
LSB/MSB of current 12-bit Y-axis accelerometer
output data – y_data_out[7:0] when
SENS_
CONFIG2[LE_BE] = 0 and y_data_out[11:4] when
SENS_CONFIG2[LE_BE] = 1. When SENS_
CONFIG5[Y_DIS] = 1, this register is skipped over
by the auto-increment mechanism.
OUT_Y_MSB [1] [3]
R
07h
08h/00h
—
MSB/LSB of current 12-bit Y-axis accelerometer
output data – y_data_out[11:8] when
SENS_
CONFIG2[LE_BE] = 0 and y_data_out[3:0] when
SENS_CONFIG2[LE_BE] = 1. When SENS_
CONFIG5[Y_DIS] = 1, this register is skipped over
by the auto-increment mechanism.
OUT_Z_LSB [1] [3]
R
08h
09h
00h
—
LSB/MSB of current 12-bit Z-axis accelerometer
output data – z_data_out[7:0] when
SENS_
CONFIG5[LE_BE] = 0 and z_data_out[11:4] when
SENS_CONFIG2[LE_BE] = 1. When SENS_
CONFIG5[Z_DIS] = 1, this register is skipped over
by the auto-increment mechanism.
OUT_Z_MSB [1] [3]
R
09h
00h
—
MSB/LSB of current 12-bit Z-axis accelerometer
output data – z_data_out[11:8] when
SENS_
CONFIG2[LE_BE] = 0 and z_data_out[3:0] when
SENS_CONFIG2[LE_BE] = 1. When SENS_
CONFIG5[Z_DIS] = 1, this register is skipped over
by the auto-increment mechanism.
Reserved registers
RESERVED_REG1
—
0Ah
0Bh
00h
Factory reserved register address 1
Output Buffer Configuration and Status
BUF_STATUS[1][2]
R
0Bh
0Ch/0Eh/10h
00h
Buffer watermark and overflow status flags; stored
sample count (buf_cnt[5:0])
BUF_X_LSB[1][3][4]
R
0Ch
0Dh
0Eh/10h/0Ch
—
Head/Tail sample of output buffer X-axis LSB -
buf_x_out[7:0] when
SENS_CONFIG2[LE_BE] = 0
and buf_x_out[11:4] when
SENS_CONFIG2[LE_BE]
= 1. When
SENS_CONFIG5[X_DIS] = 1, this
register is skipped over by the auto-increment
mechanism.
BUF_X_MSB[1][3][4]
R
0Dh
0Eh/10h/0Ch
—
Head/Tail sample of output buffer X-axis MSB -
buf_x_out[11:8] when
SENS_CONFIG2[LE_BE]
= 0 and buf_x_out[3:0] when
SENS_CONFIG2[
LE_BE
] = 1. When SENS_CONFIG5[X_DIS] = 1,
this register is skipped over by the auto-increment
mechanism.
Table 20. Register address map...continued
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
28 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com