Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AFR3 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 59Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 60Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 61Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 62Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 63Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 64Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 65Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 66Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
Field
Description
6
WAKE_SRC_BUF
Buffer WAKE-to-SLEEP transition source enable:
0: (BUF_WMRK | BUF_OVF) event flag condition is ignored by the auto-WAKE/SLEEP function
(default).
1: (BUF_WMRK | BUF_OVF) event flag condition is used by the auto-WAKE/SLEEP function.
FXLS8967AF enters SLEEP mode if the host system does not clear any of these flags before
the auto-sleep timer expires (the
ASLP_COUNT register sets the period). If the host clears the
BUF_WMRK and BUF_OVF flags by flushing or reading out the buffered data (one or more samples),
the auto-sleep timer resets and FXLS8967AF remains in the WAKE mode, regardless of the setting
made in
INT_EN[BUF_EN].
Note: The WAKE_SRC_BUF setting is only relevant when BUF_CONFIG1[BUF_MODE] = 01b
(Stream mode) or 10b (Stop mode).
5 to 0
BUF_WMRK[5:0]
Buffer sample count watermark:
This field sets the minimum number of buffer samples required to trigger a watermark interrupt.
A buffer watermark event flag
BUF_STATUS[BUF_WMRK] is raised whenever BUF_
STATUS[BUF_CNT] ≥ BUF_CONFIG2[BUF_WMRK[5:0]].
Setting BUF_WMRK = 0 disables the buffer watermark event flag generation.
This field is also used to set the maximum number of pre-trigger samples to collect in triggered
operating mode when
BUF_CONFIG1[BUF_MODE] = 11b.
Table 81. BUF_CONFIG2 register (address 27h) bit description...continued
15.26 ORIENT_STATUS register (address 28h)
The ORIENT_STATUS register is used to determine the status of an Orientation change
event, which is signaled when
INT_STATUS[SRC_ORIENT] = 1. For information on the
physical device orientations that correspond to the portrait up, portrait down, landscape
left, landscape right, back, and front orientation states, see Section 6.3.
Bit
7
6
5
4
3
2
1
0
Name
NEW_
ORIENT
LO
—
LAPO[1:0]
BAFRO
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 82. ORIENT_STATUS register (address 28h) bit allocation
Field
Description
7
NEW_ORIENT
Orientation status change flag
0: No change in orientation detected
1: BAFRO and/or LAPO and/or Z-tilt lockout value has changed
Notes:
• The NEW_ORIENT bit is set to 1 after the first orientation detection after a Standby to Active
transition and whenever a change in LO, BAFRO, or LAPO status occurs. The NEW_ORIENT bit is
cleared anytime the ORIENT_STATUS register is read.
• The Auto-WAKE/SLEEP timer is reset (cleared) on the rising edge of this flag.
Table 83. ORIENT_STATUS register (address 28h) bit description
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
63 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com