Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AFR3 Datasheet(PDF) 38 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 34Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 35Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 36Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 37Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 38Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 39Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 40Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 41Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
When
BUF_CONFIG1[BUF_MODE[1:0]] > 00b, the BUF_STATUS register content as
shown in Table 34 and Table 35.
Bit
7
6
5
4
3
2
1
0
Name
BUF_
WMRK
BUF_OVF
BUF_CNT[5:0]
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 34. BUF_STATUS register (address 0Bh) bit allocation
Field
Description
7
BUF_WMRK
Buffer Watermark Event Flag:
0: The buffer watermark level programmed in BUF_CONFIG2[BUF_WMRK[5:0]] has not been
equaled or exceeded
1: The buffer watermark level programmed in BUF_CONFIG2[BUF_WMRK[5:0]] has been
equaled or exceeded.
This event flag may be cleared in one of the following ways:
1. The host must read out enough samples from the output buffer for
BUF_
STATUS[BUF_CNT[5:0]] to go below the value set in BUF_CONFIG2[BUF_WMRK[5:0]].
2. The host must flush the buffer by setting
BUF_CONFIG2[BUF_FLUSH] = 1.
3. The host must set
BUF_CONFIG1[BUF_MODE[1:0]] = 00b to disable the buffer, which also
clears its contents.
The watermark interrupt may be used to enable an efficient DMA-based transfer of the buffer
contents to the host processor. For example, if the watermark level is set at 16 samples and
the interrupt is enabled and routed to one of the INT1 or INT2 pins, the event may be used
to trigger a single burst read operation of 1 (
BUF_STATUS) + (16 samples * 2 bytes/sample
* 3 (axes)) = 97 bytes to completely empty the buffer and clear the buffer status flags (when
SENS_CONFIG2[F_READ] = 0), or 49 bytes when SENS_CONFIG2[F_READ] = 1.
Note: Using a DMA operation to handle the burst read operation can allow the processor
to sleep or perform other tasks while the required number of samples is collected as a
background activity.
6
BUF_OVF
Buffer Overflow Event flag:
0: Buffer overflow event has not occurred. The number of samples stored in the buffer is less
than or equal to 32
1: Buffer overflow event has occurred
To clear this bit, the host must do one of the following:
1. At least one sample must be read in order to clear the BUF_OVF flag.
2. Flush the output buffer by setting
BUF_CONFIG2[BUF_FLUSH] = 1.
3. Disable the output buffer by setting
BUF_CONFIG1[BUF_MODE[1:0]] = 00b, which resets
BUF_STATUS[BUF_CNT[5:0]] to zero, but does not clear the buffer contents.
5 to 0
BUF_CNT[5:0]
This field contains the count of the number of acceleration data triplets (samples) currently
stored in the output data buffer (from 0-32). If the buffer is full (contains 32 samples), and an
additional data triplet is received, the count remains at 32, and the BUF_OVF event flag is
asserted.
Table 35. BUF_STATUS register (address 0Bh) bit description
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
38 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com