Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXLS8967AFR3 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # FXLS8967AFR3
Description  3-Axis Low-g Accelerometer
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS8967AFR3 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button FXLS8967AFR3 Datasheet HTML 4Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 5Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 6Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 7Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 8Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 9Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 10Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 11Page - NXP Semiconductors FXLS8967AFR3 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 98 page
background image
NXP Semiconductors
FXLS8967AF
3-Axis Low-g Accelerometer
VDD = 1.8 V to 3.0 V, T = –40 °C to 105 °C, unless otherwise noted.
Typical values represent mean or mean ±1 σ values, depending on the specific parameter.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
±2 g mode
0.87
0.98
1.12
±4 g mode
1.74
1.95
2.23
±8 g mode
3.47
3.91
4.46
±16 g mode
6.94
7.81
8.93
mg/LSB
±2 g mode
896
1024
1152
±4 g mode
448
512
576
±8 g mode
224
256
288
SEN
Nominal sensitivity
±16 g mode
112
128
144
LSB/g
SENTOL
Sensitivity tolerance[1]
—
—
±2.5
—
%SEN
TCS
Temperature coefficient of
sensitivity[1]
–40 °C to +105 °C
—
±0.01
—
%/°C
OFFPBM
Zero-g offset, post-board mount [1]
—
–550
±250
550
mg
TCOPBM
Zero-g offset temperature coefficient,
post-board mount[1]
–40 °C to +105 °C
—
±1
—
mg/°C
CAS
Cross-axis sensitivity[2]
±2/4 g mode
—
±0.5
—
%
±4 g mode, X axis
—
–144
—
±4 g mode, Y axis
—
143
—
±4 g mode, Z axis
—
–423
—
±8 g mode, X axis
—
–71
—
±8 g mode, Y axis
—
71
—
±8 g mode, Z axis
—
–213
—
±16 g mode, X axis
—
–36
—
±16 g mode, Y axis
—
35
—
STOC
Self-test output change
±16 g mode, Z axis
—
107
—
LSB
±4 g mode
–1600
—
+1600
±8 g mode
–800
—
+800
STOF
Self-test offset
±16 g mode
–400
—
+400
LSB
BWMAX
Maximum signal bandwidth
ODR = 3200 Hz
—
1600
—
Hz
ODRMAX
Maximum ODR
—
—
3200
—
Hz
NSDHPM
Noise spectral density, high
performance mode
±2 g mode
—
280
—
µg/√Hz
NSDLPM-1
Noise spectral density, low-power
mode, high-ODR range[3]
200 Hz ≤ ODR
≤ 3200 Hz,
±2 g mode
—
1120
to 280
—
µg/√Hz
NSDLPM-2
Noise spectral density, low-power
mode, low-ODR range[3]
0.781 Hz ≤
ODR < 200 Hz,
±2 g mode
—
16.8
to 1.1
—
mg/√Hz
Table 7. Accelerometer sensor performance parameters...continued
FXLS8967AF
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Objective data sheet
Rev. 1 — 27 April 2021
8 / 98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com