Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05JB4 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  68HC05JB4 Datasheet HTML 1Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 2Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 3Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 4Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 5Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 6Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 7Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 8Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
MOTOROLA
REV 2
iii
TABLE OF CONTENTS
Section
Page
SECTION 8
MULTI-FUNCTION TIMER
8.1
OVERVIEW...................................................................................................... 8-2
8.2
COMPUTER OPERATING PROPERLY (COP) WATCHDOG ........................ 8-2
8.3
MFT REGISTERS ............................................................................................ 8-3
8.3.1
Timer Counter Register (TCNT) $09 ........................................................... 8-3
8.3.2
Timer Control/Status Register (TCSR) $08 ................................................. 8-3
8.4
OPERATION DURING STOP MODE .............................................................. 8-4
8.5
COP CONSIDERATION DURING STOP MODE............................................. 8-4
SECTION 9
16-BIT TIMER
9.1
TIMER REGISTERS (TMRH, TMRL)............................................................... 9-2
9.2
ALTERNATE COUNTER REGISTERS (ACRH, ACRL) .................................. 9-4
9.3
INPUT CAPTURE REGISTERS ...................................................................... 9-5
9.4
OUTPUT COMPARE REGISTERS ................................................................. 9-6
9.5
TIMER CONTROL REGISTER (TCR) ............................................................. 9-8
9.6
TIMER STATUS REGISTER (TSR)................................................................. 9-9
9.7
TIMER OPERATION DURING WAIT MODE................................................. 9-10
9.8
TIMER OPERATION DURING STOP MODE ................................................ 9-10
SECTION 10
UNIVERSAL SERIAL BUS MODULE
10.1
FEATURES .................................................................................................... 10-1
10.2
OVERVIEW.................................................................................................... 10-2
10.2.1
USB Protocol ............................................................................................. 10-2
10.2.2
Reset Signaling.......................................................................................... 10-8
10.2.3
Suspend..................................................................................................... 10-9
10.2.4
Resume After Suspend.............................................................................. 10-9
10.2.5
Low Speed Device................................................................................... 10-10
10.3
CLOCK REQUIREMENTS........................................................................... 10-10
10.4
HARDWARE DESCRIPTION....................................................................... 10-10
10.4.1
Voltage Regulator .................................................................................... 10-11
10.4.2
USB Transceiver...................................................................................... 10-11
10.4.3
Receiver Characteristics.......................................................................... 10-12
10.4.4
USB Control Logic ................................................................................... 10-14
10.5
I/O REGISTER DESCRIPTION ................................................................... 10-17
10.5.1
USB Address Register (UADDR)............................................................. 10-18
10.5.2
USB Interrupt Register 0 (UIR0) .............................................................. 10-19
10.5.3
USB Interrupt Register 1 (UIR1) .............................................................. 10-20
10.5.4
USB Control Register 0 (UCR0) .............................................................. 10-21
10.5.5
USB Control Register 1 (UCR1) .............................................................. 10-22
10.5.6
USB Control Register 2 (UCR2) .............................................................. 10-23
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com