Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05JB4 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 68HC05JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05JB4 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 68HC05JB4 Datasheet HTML 9Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 10Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 11Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 12Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 13Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 14Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 15Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 16Page - Freescale Semiconductor, Inc 68HC05JB4 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
GENERAL DESCRIPTION
MOTOROLA
REV 2
1-1
SECTION 1
GENERAL DESCRIPTION
The MC68HC05JB4 is a member of the low-cost, high-performance M68HC05
Family of 8-bit microcontroller units (MCUs). The M68HC05 Family is based on
the customer-specified integrated circuit (CSIC) design strategy. All MCUs in the
family use the popular M68HC05 central processing unit (CPU) and are available
with a variety of subsystems, memory sizes and types, and package types.
The MC68HC05JB4 is specifically designed to be used in applications where a
low speed (1.5Mbps) Universal Serial Bus (USB) interface is required.
1.1
FEATURES
•
Industry standard M68HC05 CPU core
•
Memory-mapped input/output (I/O) registers
•
3584 Bytes of user ROM
•
176 Bytes of user RAM (includes 64 byte stack)
•
19 Bidirectional I/O pins with the following added features:
– PA[0:7]:
Software enable Internal pull-up resistor (50k
Ω typical)
– PA[0:3]:
Built-in schmitt triggered input level
–
Maskable as extra input sources for IRQ interrupt
–
Maskable Negative-Edge Only or Negative-Edge
–
and Low-Level Interrupt Capability
– PA4:
IRQ2 with built-in schmitt triggered input
– PA[5:7]:
10mA Sink output drive
– PA[6:7]:
Maskable 10mA/25mA sink output drive
–
Software enable Slow Edge Pull Down Devices
– PB[0:4]:
Software enable Internal pull-up resistor (50k
Ω typical)
–
Software enable Slow Edge Pull Down Devices
– PB[0]:
ICAP1 with built-in schmitt triggered input
– PB[3:4]:
AD[4:5]
– PC[0:3]:
AD[0:3]
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com